Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 35Page - Active-Semi, Inc ACT8846 Datasheet HTML 36Page - Active-Semi, Inc ACT8846 Datasheet HTML 37Page - Active-Semi, Inc ACT8846 Datasheet HTML 38Page - Active-Semi, Inc ACT8846 Datasheet HTML 39Page - Active-Semi, Inc ACT8846 Datasheet HTML 40Page - Active-Semi, Inc ACT8846 Datasheet HTML 41Page - Active-Semi, Inc ACT8846 Datasheet HTML 42Page - Active-Semi, Inc ACT8846 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
39 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
CMI 106: ACT8846QM106
Rail
VSET0
Voltage
(V)
VSET1
Volt-
age (V)
Sequencing
Input Trigger
StartUp
Delay
(us)
Soft-
Start
(us)
OUT1
1.2
1.2
OUT2
2000
400
OUT2
0.95
0.95
Vin UVLO
0
400
OUT3
3.3
3.3
OUT1
2000
400
OUT4
1.8
1.8
Vin UVLO
0
400
OUT5
1.8
n/a
Vin UVLO
0
140
OUT6
1.8
n/a
OUT1
2000
140
OUT7
3.3
n/a
Vin UVLO
0
140
OUT8
1.2
n/a
I2C
0
140
OUT9
2.8
n/a
I2C
0
140
OUT10
1.5
n/a
I2C
0
100
OUT11
2.8
n/a
I2C
0
100
OUT12
1.8
n/a
I2C
0
100
OUT13
1.8
n/a
I2C
0
100
Hardware Configuration
PWRHLD and PWREN must be connected together in CMI 106.
Startup
The ACT8846QM106-T has two startup sequences. The first is pushbutton startup. Asserting nPBIN low
starts the startup sequence. nPBIN must stay low until after PWRHLD and PWREN are asserted high by
an external source, usually a uP. If nPBIN goes high before PWRHLD goes high, the IC shuts down all
outputs. The second startup sequence is with the PWREN and PWRHLD pins. After input power is ap-
plied, asserting PWREN high starts the startup sequence. Note that nPBIN should stay high in this appli-
nRSTO
OUT2/4/5/7
40ms
VIN
PWRHLD and PWREN
OUT3/6
2ms
OUT1
2ms
nPBIN
UVLO
CMI 106 Startup with PWRHLD
CMI OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com