Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 24Page - Active-Semi, Inc ACT8846 Datasheet HTML 25Page - Active-Semi, Inc ACT8846 Datasheet HTML 26Page - Active-Semi, Inc ACT8846 Datasheet HTML 27Page - Active-Semi, Inc ACT8846 Datasheet HTML 28Page - Active-Semi, Inc ACT8846 Datasheet HTML 29Page - Active-Semi, Inc ACT8846 Datasheet HTML 30Page - Active-Semi, Inc ACT8846 Datasheet HTML 31Page - Active-Semi, Inc ACT8846 Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
28 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
The ACT8846 is optimized for the Rockchip
RK31x8 processors, supporting both the power
domains as well as the signal interface. The
following paragraphs describe how to design
ACT8846 with the RK31x8 processors.
While the ACT8846 supports many possible
configurations for powering these processors, one
of the most common configurations is detailed in
this datasheet. In general, this document refers to
the ACT8846 pin names and functions. However, in
cases where the description of interconnections
between these devices benefits by doing so, both
the ACT8846 pin names and the RK31x8
processors pin names are provided. When this is
done, the RK31x8 pin names are located after the
ACT8846 pin names, and are italicized and located
inside parentheses. For example, PWREN (GPIOX)
refers to the logic signal applied to the ACT8846's
PWREN input, identifying that it is driven from the
RK31x8's GPIOX output.
SYSTEM CONTROL INFORMATION
Interfacing with the Rockchip RK31x8 processors
Table 1:
ACT8846 and Rockchip RK31x8 Power Domains
Table 2:
ACT8846 and Rockchip RK31x8 Power Mode
ACT8846
REGULATOR
POWER DOMAIN
DEFAULT
VOLTAGE
MAX
CURRENT
POWER UP
ORDER
ON/OFF @
SLEEP
TYPE
REG1
VCC_DDR
Adjustable
1.5A
5
ON
DC/DC Step Down
REG2
VDD_LOG
1.0V
2.8A
5
ON
DC/DC Step Down
REG3
VDD_ARM
1.0V
2.8A
4
OFF
DC/DC Step Down
REG4
VCC_IO
3.0V
1.5A
1
ON
DC/DC Step Down
REG5
VDD_10
1.0V
150mA
2
ON
Low-Noise LDO
REG6
VDD_JETTA1V2
1.2V
150mA
/
OFF
Low-Noise LDO
REG7
VCC18_CIF
1.8V
350mA
/
OFF
Low-Noise LDO
REG8
VCCA_33
3.3V
350mA
/
OFF
Low-Noise LDO
REG9
VCC_TP
3.3V
350mA
/
OFF
Low-Noise LDO
REG10
VCC_JETTA3V3
3.3V
150mA
/
OFF
Low Input-Voltage LDO
REG11
VCC18_IO
1.8V
350mA
3
ON
Low Input-Voltage LDO
REG12
VCC28_CIF
2.8V
350mA
/
OFF
Low Input-Voltage LDO
REG13
VDD_RTC
1.8V
50mA
0
ON
Always-ON LDO
Power Mode
Control State
Power Domain State
Quiescent Current
ALL ON
PWRHLD is asserted, PWREN is
asserted
All Regulators ON
0.6mA
SHUTDOWN
PWRHLD is de-asserted, PWREN is
de-asserted, VINL2 > 2.6V
REG13 is ON, all other regula-
tors are off.
10µA
ALL OFF
PWRHLD is de-asserted, PWREN is
de-asserted, VINL2 < 2.2V
All regulators off.
5µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com