Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 40 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 40 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 36Page - Active-Semi, Inc ACT8846 Datasheet HTML 37Page - Active-Semi, Inc ACT8846 Datasheet HTML 38Page - Active-Semi, Inc ACT8846 Datasheet HTML 39Page - Active-Semi, Inc ACT8846 Datasheet HTML 40Page - Active-Semi, Inc ACT8846 Datasheet HTML 41Page - Active-Semi, Inc ACT8846 Datasheet HTML 42Page - Active-Semi, Inc ACT8846 Datasheet HTML 43Page - Active-Semi, Inc ACT8846 Datasheet HTML 44Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
40 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
nRSTO
OUT2/4/5/7
40ms
VIN
PWRHLD and PWREN
OUT3/6
2ms
OUT1
2ms
nPBIN
UVLO
CMI 106 Startup with nPBIN
32ms
CMI 106: ACT8846QM106 continued.
Shutdown
The IC can be turned off by pulling nPBIN low through a 50kohm resistor to GA or by deasserting
PWREN and PWRHLD pins low. The IC can also be turned off via I2C.
PWREN
Asserting PWREN high enables the IC. In pushbutton applications, if PWREN is not asserted high before
the nPBIN pin goes high, the IC shuts down. Note that PWREN and PWRHLD must be connected togeth-
er.
nPBIN
nPBIN retains the short and long press functionality described earlier in the datasheet.
NRSTO
nRSTO is gated by OUT6 and OUT7 and has a 40ms delay.
DVS
DVS functionality is only available via I2C.
VSELR/GPIO1/GPIO2
The VSELR/GPIO1/GPIO2 pins are not functional and should be permanently pulled high or low.
GPIO1/2/3/4/5/6
These outputs are off by default but can be enabled via I2C. GPIO3 frequency and duty cycle are 256Hz
and 50%. GPIO4/5/6 frequency and duty cycle are 0.25Hz and 6.25%.
Watchdog
All watchdog functionality is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com