Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 4Page - Active-Semi, Inc ACT8846 Datasheet HTML 5Page - Active-Semi, Inc ACT8846 Datasheet HTML 6Page - Active-Semi, Inc ACT8846 Datasheet HTML 7Page - Active-Semi, Inc ACT8846 Datasheet HTML 8Page - Active-Semi, Inc ACT8846 Datasheet HTML 9Page - Active-Semi, Inc ACT8846 Datasheet HTML 10Page - Active-Semi, Inc ACT8846 Datasheet HTML 11Page - Active-Semi, Inc ACT8846 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
8 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Figure 1:
I2C Compatible Serial Bus Timing
(VINL2 = 3.6V, TA = 25°C, unless otherwise specified.)
I2C INTERFACE ELECTRICAL CHARACTERISTICS
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VINL2 = 3.1V to 5.5V, TA = -40ºC to 85ºC
0.35
V
SCL, SDA Input High
VINL2 = 3.1V to 5.5V, TA = -40ºC to 85ºC
1.55
V
SDA Leakage Current
1
µA
SCL Leakage Current
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Period, tSCL
1.5
µs
SDA Data Setup Time, tSU
100
ns
SDA Data Hold Time, tHD
300
ns
Start Setup Time, tST
For Start Condition
100
ns
Stop Setup Time, tSP
For Stop Condition
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com