Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 31 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 31 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 27Page - Active-Semi, Inc ACT8846 Datasheet HTML 28Page - Active-Semi, Inc ACT8846 Datasheet HTML 29Page - Active-Semi, Inc ACT8846 Datasheet HTML 30Page - Active-Semi, Inc ACT8846 Datasheet HTML 31Page - Active-Semi, Inc ACT8846 Datasheet HTML 32Page - Active-Semi, Inc ACT8846 Datasheet HTML 33Page - Active-Semi, Inc ACT8846 Datasheet HTML 34Page - Active-Semi, Inc ACT8846 Datasheet HTML 35Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
31 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Watch-Dog Supervision
The ACT8846 features a watchdog supervisory
function. An internal watchdog timer of 4s is
unmasked by setting either WDSREN[ ] or
WDPCEN [ ] bit to one. Once enabled, the
watchdog timer is reset whenever there is I2C
activity for the PMU. In the case where the system
software stops responding and that there is no I2C
transactions for 4s, the watchdog timer expires. As
a result, the PMU either perform a soft-reset or
power cycle, depending on whether WDSREN [ ] or
WDPCEN [ ] is set.
Software-Initiated Power Cycle
ACT8846 supports software-initiated power cycle.
Once the SIPC[ ] bit is set, the PMU waits for 8ms
and then initiate a power cycle to restart the entire
system.
Figure 3:
ACT8846QM460 and ACT8846QM468 Power Control Sequence
100ms
Sleep/Wakeup
Sequence
Power on Sequence
nPBIN
nRSTO
PWREN
OUT4
OUT11
2ms
PWRHLD
UVLO
Main Battery
OUT13
Power off
Sequence
OUT5
2ms
2ms
93% of VOUT4
OUT3
OUT1, OUT2
93% of VOUT5
2ms
93% of VOUT3
2ms
93% of VOUT11
: Watch-Dog is not supported in ACT8846QM468 and ACT8846QM490-T .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com