Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 38 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 38 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 34Page - Active-Semi, Inc ACT8846 Datasheet HTML 35Page - Active-Semi, Inc ACT8846 Datasheet HTML 36Page - Active-Semi, Inc ACT8846 Datasheet HTML 37Page - Active-Semi, Inc ACT8846 Datasheet HTML 38Page - Active-Semi, Inc ACT8846 Datasheet HTML 39Page - Active-Semi, Inc ACT8846 Datasheet HTML 40Page - Active-Semi, Inc ACT8846 Datasheet HTML 41Page - Active-Semi, Inc ACT8846 Datasheet HTML 42Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
38 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
The GPIO3, the GPIO4, the GPIO5, and the GPIO6
are configured as PWM LED drivers, which could
support up to 6mA current with programmable
frequency and duty cycle. Set PWM#EN[ ] bit to “1”
to enable PWM function of GPIO#.
PWM Frequence Selection
Each
LED
driver
may
be
independently
programmed to a different frequency by writing to
the GPIO’s FRE[2:0] register via the I2C serial
interface as shown in Table 6.
Table 6:
FRE#[ ] PWM Frequency Setting
PWM Duty Cycle Selection
Each
LED
driver
may
be
independently
programmed to a different duty cycle by writing to
the GPIO’s DUTY[3:0] register via the I2C serial
interface as shown in Table 7.
Table 7:
DUTY#[ ] PWM Frequency Setting
PWM LED DRIVERS
FRE#[2:0]
PWM Frequency [Hz]
000
0.25
001
0.5
010
1
011
2
100
128
101
256
DUTY#[3:0]
PWM Duty Cycle [%]
0000
6.25
0001
12.5
0010
18.75
0011
25
0100
31.25
0101
37.5
0110
43.75
0111
50
1000
56.25
1001
62.5
1010
68.75
1011
75
1100
81.25
1101
87.5
1110
93.75
1111
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com