Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8846 Datasheet HTML 1Page - Active-Semi, Inc ACT8846 Datasheet HTML 2Page - Active-Semi, Inc ACT8846 Datasheet HTML 3Page - Active-Semi, Inc ACT8846 Datasheet HTML 4Page - Active-Semi, Inc ACT8846 Datasheet HTML 5Page - Active-Semi, Inc ACT8846 Datasheet HTML 6Page - Active-Semi, Inc ACT8846 Datasheet HTML 7Page - Active-Semi, Inc ACT8846 Datasheet HTML 8Page - Active-Semi, Inc ACT8846 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Innovative PowerTM
-
1 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
ACT8846
Advanced PMU for Multi-core Application Processors
FEATURES
INTEGRATED POWER SUPPLIES
Four DC/DC Step-Down (Buck) Regulators
 2 x 2.8A, 2 x 1.5A
Five Low-Noise LDOs
 2 x 150mA, 3 x 350mA
Three Low-Input Voltage LDOs
 1 x 150mA, 2 x 350mA
One Low IQ Keep-Alive LDO
Backup Battery Charger
SYSTEM CONTROL AND INTERFACE
Four General Purpose I/O with PWM Drivers
I2C Serial Interface
Interrupt Controller
SYSTEM MANAGEMENT
Reset Interface and Sequencing Controller
 Power on Reset
 Soft / Hard Reset
 Watchdog Supervision
 Multiple Sleep Modes
Thermal Management Subsystem
APPLICATIONS
Tablet PC
Mobile Internet Devices (MID)
E-books
Personal Navigation Devices
Smart Phones
GENERAL DESCRIPTION
The ACT8846 is a complete, cost effective, and
highly-efficient ActivePMUTM power management
solution
optimized
for
the
power,
voltage
sequencing and control requirements of Rockchip
RK31x8 application processor family.
The
ACT8846
features
four
fixed-frequency,
current-mode,
synchronous
PWM
step-down
converters that achieve peak efficiencies of up to
97%. These regulators operate with a fixed
frequency of 2.25MHz, minimizing noise in sensitive
applications and allowing the use of small external
components. These buck regulators supply up to
2.8A of output current and can fully satisfy the
power and control requirements of the multi-core
application processor. Dynamic Voltage Scaling
(DVS) is supported either by dedicated control pins,
or through I2C interface to optimize the energy-per-
task performance for the processor. This device
also include eight low-noise LDOs (up to 350mA
per LDO), one always-on LDO and an integrated
backup battery charger to provide a complete
power system for the processor.
The power sequence and reset controller provides
power-on reset, SW-initiated reset, and power cycle
reset for the processor. It also features the
watchdog supervisory function. Multiple sleep
modes with autonomous sleep and wake-up
sequence control are supported.
The
thermal
management
and
protection
subsystem allows the host processor to manage the
power dissipation of the PMU and the overall
system dynamically. The PMU provides a thermal
warning
to
the
host
processor
when
the
temperature reaches a certain threshold such that
the system can turn off some of the non-essential
functions, reduce the clock frequency and etc to
manage the system temperature.
The ACT8846 is available in a compact, Pb-Free
and RoHS-compliant TQFN66-48 package.
Rev 7.0, 06-Dec-2017


Similar Part No. - ACT8846

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
logo
Qorvo, Inc
ACT8846 QORVO-ACT8846 Datasheet
2Mb / 63P
Advanced PMU for Multi-core Application Processors
Rev. 13.0, Nov. 11, 2019
ACT8846QM106-T QORVO-ACT8846QM106-T Datasheet
2Mb / 63P
Advanced PMU for Multi-core Application Processors
Rev. 13.0, Nov. 11, 2019
ACT8846QM108-T QORVO-ACT8846QM108-T Datasheet
2Mb / 63P
Advanced PMU for Multi-core Application Processors
Rev. 13.0, Nov. 11, 2019
More results

Similar Description - ACT8846

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com