Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
ADL5606
Rev. B | Page 7 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RFIN
DISABLE
VCC
VBIAS
RFOUT
RFOUT
RFOUT
RFOUT
12
11
10
1
3
4
9
2
ADL5606
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PADDLE SHOULD BE SOLDERED TO
A LOW IMPEDANCE ELECTRICAL AND THERMAL
GROUND PLANE.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. Requires a dc blocking capacitor.
2
DISABLE
Connect this pin to 5 V to disable the part. In the disabled state, the part draws approximately 4 mA
of current from the power supply and 1.4 mA from the DISABLE pin.
3
VCC
Under normal operation, this pin is connected to the power supply and draws a combined 362 mA
of current. When this pin is grounded along with the VBIAS pin, the device is disabled and draws
approximately 1.4 mA from the DISABLE pin.
4
VBIAS
Applying 5 V to this pin enables the bias circuit. When this pin is grounded, the device is disabled.
5, 6, 7, 8, 13,
14, 15, 16
NC
No Connect. Do not connect to this pin.
9, 10, 11, 12
RFOUT
RF Output. DC bias is provided to this pin through an inductor that is connected to the 5 V power
supply. The RF path requires a dc blocking capacitor.
EP
The exposed paddle should be soldered to a low impedance electrical and thermal ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com