Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
ADL5606
Rev. B | Page 11 of 18
GENERAL
35
30
25
20
15
10
5
0
43.0
43.5
44.0
44.5
45.0
45.5
46.0
46.5
47.0
47.5
OIP3 (dBm)
Figure 22. OIP3 Distribution at 2140 MHz, 14 dBm per Tone
35
30
25
20
15
10
5
0
29.8
30.0
30.2
30.4
30.6
30.8
31.0
31.2
31.4
31.6
P1dB (dBm)
Figure 23. P1dB Distribution at 2140 MHz
35
30
25
20
15
10
5
0
23.4
23.6
23.8
24.0
24.2
24.4
24.6
24.8
25.0
GAIN (dB)
Figure 24. Gain Distribution at 2140 MHz
30
25
20
15
10
5
0
4.66
4.68
4.70
4.72
4.74
4.76
4.78
4.80
4.82
NOISE FIGURE (dB)
Figure 25. Noise Figure Distribution at 2140 MHz
0
–80
–70
–60
–50
–40
–30
–20
–10
0
2
4
6
8
10
12
14
16
18
20
22
POUT (dBm)
1960MHz
2140MHz
Figure 26. ACPR vs. POUT, 3GPP, TM1-64, at 1960 MHz and 2140 MHz
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–10
–5
0
5
10
15
20
25
POUT (dBm)
1960MHz
2140MHz
Figure 27. EVM vs. POUT, 3GPP, TM1-64, at 1960 MHz and 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com