Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
ADL5606
Rev. B | Page 9 of 18
2140 MHZ FREQUENCY TUNING BAND
60
50
0
2110
2170
FREQUENCY (MHz)
10
20
30
40
2120
2130
2140
2150
2160
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 10. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
(OIP3 at POUT = 14 dBm per Tone)
–40°C
28
27
20
21
22
23
24
25
26
2110
2120
2130
2140
2150
2160
2170
FREQUENCY (MHz)
+25°C
+85°C
Figure 11. Gain vs. Frequency and Temperature
0
–10
–60
2110
2170
FREQUENCY (MHz)
–50
–40
–30
–20
2120
2130
2140
2150
2160
S11
S12
S22
Figure 12. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
46
26
30
32
34
36
38
40
42
44
46
48
50
28
30
32
34
36
38
40
42
44
2110
2120
2130
2140
2150
2160
2170
FREQUENCY (MHz)
+25°C
–40°C
+85°C
+25°C
–40°C
+85°C
Figure 13. P1dB and OIP3 vs. Frequency and Temperature
(OIP3 at POUT = 14 dBm per Tone)
2110MHz
2140MHz
2170MHz
50
48
30
42
40
38
36
34
32
44
46
–5
0
5
10
15
20
POUT PER TONE (dBm)
Figure 14. OIP3 vs. POUT and Frequency
7
6
3
2110
2170
FREQUENCY (MHz)
4
5
2120
2130
2140
2150
2160
–40°C
+25°C
+85°C
Figure 15. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com