Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADL5606
Data Sheet
Rev. B | Page 10 of 18
2630 MHZ FREQUENCY TUNING BAND
60
0
2570
2690
FREQUENCY (MHz)
10
20
30
40
50
2590
2610
2630
2650
2670
NF (dB)
GAIN (dB)
P1dB (dBm)
OIP3 (dBm)
Figure 16. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
(OIP3 at POUT = 14 dBm per Tone)
23.0
17.0
2570
2690
FREQUENCY (MHz)
2590
2610
2630
2650
2670
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
+25°C
+85°C
–40°C
Figure 17. Gain vs. Frequency and Temperature
0
–60
2570
2690
FREQUENCY (MHz)
2590
2610
2630
2650
2670
–50
–40
–30
–20
–10
S11
S12
S22
Figure 18. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
22
52
2570
2590
2610
2630
2650
2670
2690
FREQUENCY (MHz)
–40°C
+25°C
+85°C
24
27
30
33
36
39
42
45
48
51
54
25
28
31
34
37
40
43
46
49
+85°C
–40°C
+25°C
Figure 19. P1dB and OIP3 vs. Frequency and Temperature
(OIP3 at POUT = 14 dBm per Tone)
49
47
35
–5
20
POUT PER TONE (dBm)
37
39
41
43
45
0
5
10
15
2570MHz
2630MHz
2690MHz
Figure 20. OIP3 vs. POUT and Frequency
7
3
4
2570
2690
FREQUENCY (MHz)
2590
2610
2630
2650
2670
5
6
–40°C
+25°C
+85°C
Figure 21. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com