Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADL5606
Data Sheet
Rev. B | Page 12 of 18
375
340
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
345
350
355
360
365
370
5V
4.75V
5.25V
Figure 28. Supply Current vs. Temperature and Supply Voltage at 2140 MHz
300
320
340
360
380
400
420
440
460
480
500
520
540
560
580
600
620
640
02468
10 12 14 16 18 20 22 24 26 28 30 32
POUT (dBm)
+25°C
–40°C
+85°C
Figure 29. Supply Current vs. POUT and Temperature at 2140 MHz, VCC = 5 V
CH2 1V
Ω
CH3 1V
Ω
M20ns 10GS/s
IT 4ps/pt
A CH2
2.5V
3
2
Figure 30. Turn-Off Time, 10% of Control Pulse to 90% of RFOUT
CH2 1V
Ω
CH3 1V
Ω
M20ns 10GS/s
IT 4ps/pt
A CH2
2.5V
3
2
Figure 31. Turn-On Time, 10% of Control Pulse to 90% of RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com