Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ADL5606
Data Sheet
Rev. B | Page 14 of 18
ADL5606 MATCHING
The RF input and output of the ADL5606 can be easily matched
to 50 Ω with at most one external component and the microstrip
line used as an inductor. Table 6 lists the required matching
component values. Capacitors CIN and COUT are Murata GRM155
series (0402 size).
For all frequency tuning bands, the placement of CIN and COUT
is critical. Table 7 lists the recommended component spacing
for the various frequency tuning bands. The component spacing
is referenced from the center of the component to the edge of
the package.
Figure 33 to Figure 35 show the matching networks.
Table 6. Recommended Components for Basic Connections
Frequency (MHz)
CIN (pF)
COUT (pF)
1930 to 1990
2.0
3.6
2110 to 2170
1.3
3.9
2570 to 2690
2.0
3.3
Table 7. Matching Component Spacing
Frequency (MHz)
λ1 (mils)
λ2 (mils)
1930 to 1990
394
197
2110 to 2170
268
138
2570 to 2690
382
83
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
NC
NC
NC
NC
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
DISABLE
CIN
2pF
COUT
3.6pF
C2
20pF
L1
18nH
C1
20pF
λ1
λ2
ADL5606
Figure 33. ADL5606 Match Parameters, 1960 MHz Frequency Tuning Band
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
NC
NC
NC
NC
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
DISABLE
CIN
1.3pF
COUT
3.9pF
C2
20pF
L1
18nH
C1
20pF
λ1
λ2
ADL5606
Figure 34. ADL5606 Match Parameters, 2140 MHz Frequency Tuning Band
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
NC
NC
NC
NC
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
DISABLE
CIN
2pF
COUT
3.3pF
C2
20pF
L1
18nH
C1
20pF
λ1
λ2
ADL5606
Figure 35. ADL5606 Match Parameters, 2630 MHz Frequency Tuning Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com