Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADL5606
Data Sheet
Rev. B | Page 8 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
1960 MHZ FREQUENCY TUNING BAND
50
0
1930
1990
FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
1940
1950
1960
1970
1980
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 4. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
(OIP3 at POUT = 14 dBm per Tone)
–40°C
26.5
26.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
1930
1940
1950
1960
1970
1980
1990
FREQUENCY (MHz)
+25°C
+85°C
Figure 5. Gain vs. Frequency and Temperature
0
–60
1930
1990
FREQUENCY (MHz)
–40
–50
–30
–20
–10
1940
1950
1960
1970
1980
S11
S12
S22
Figure 6. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
–40°C
–40°C
46
26
1930
1940
1950
1960
1970
1980
1990
FREQUENCY (MHz)
+25°C
+85°C
+85°C
30
32
34
36
38
40
42
44
46
48
50
28
30
32
34
36
38
40
42
44
+25°C
Figure 7. P1dB and OIP3 vs. Frequency and Temperature
(OIP3 at POUT = 14 dBm per Tone)
1930MHz
1960MHz
1990MHz
48
47
40
41
42
43
44
45
46
–5
0
5
10
15
20
POUT PER TONE (dBm)
Figure 8. OIP3 vs. POUT and Frequency
7
3
1930
1990
FREQUENCY (MHz)
5
4
6
1940
1950
1960
1970
1980
+85°C
+25°C
–40°C
Figure 9. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com