Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ADL5606
Data Sheet
Rev. B | Page 16 of 18
EVALUATION BOARD
The schematic of the ADL5606 evaluation board is shown in
Figure 37. The evaluation board uses 25 mils wide, 50 Ω traces
and is made from IS410 material with a 20 mils gap to ground.
The evaluation board is tuned for operation at 2140 MHz. The
inputs and outputs should be ac-coupled with appropriately
sized capacitors; therefore, for low frequency applications, the
value of C1 and C2 may need to be increased. DC bias is
provided to the output stage via an inductor (L1) connected
to the RFOUT pin. A bias voltage of 5 V is recommended.
The evaluation board has a short, non-50 Ω line on its output to
accommodate the four output pins and to allow for easier low
inductance output matching. The pads for Pin 9 to Pin 12 are
included on this microstrip line and are included in all matches.
The evaluation board uses numbers as identifiers to aid in the
placement of matching components at both the RF input and
RF output of the device. Figure 38 and Figure 39 show images
of the board layout.
RFIN
VCC3
VCC2
DISABLE
RFOUT
12
VBIAS
11
VCC
10
DISABLE
9
RFIN
1
2
3
4
ADL5606
COUT
3.9pF
C2
20pF
C1
20pF
CIN
1.3pF
C3
10pF
C4
OPEN
C10
OPEN
C5
100pF
C7
100pF
C8
0.01µF
C9
10µF
RFOUT
RFOUT
RFOUT
RFOUT
13
8
14
7
15
6
16
5
NC
NC
NC
NC
NC
NC
NC
NC
C6
0.01µF
C11
10µF
C12
OPEN
C13
OPEN
C14
OPEN
L1
18nH
VCC1
R4
OPEN
R1
0Ω
R5
OPEN
R2
0Ω
Figure 37. Evaluation Board, 2140 MHz Frequency Tuning Band
Table 8. Evaluation Board Configuration Options, 2140 MHz Frequency Tuning Band
Component
Function/Notes
Default Value
C1, C2
Input/output dc blocking capacitors.
C1, C2 = 20 pF
C3, C4, C5, C6, C7,
C8, C9, C10, C11,
C12, C13, C14
Power supply decoupling capacitors. Power supply decoupling capacitors are required to
filter out the high frequency noise on the power supply. The smallest capacitor should be the
closest to the ADL5606. The main bias that goes through RFOUT is the most sensitive to noise
because the bias is connected directly to the RF output. For the 1960 MHz and 2140 MHz
frequency tuning bands, Capacitors C12, C13, and C14 are open; for the 2630 MHz frequency
tuning band, it is recommended that the bypassing capacitors be added as follows:
C12 = 100 pF, C13 = 0.01 µF, and C14 = 10 µF.
C3 = 10 pF
C5, C7 = 100 pF
C6, C8 = 0.01 µF
C9, C11 = 10 µF
C4, C10, C12, C13,
C14 = open
CIN
Input matching capacitor. To match the ADL5606 at the 2140 MHz frequency tuning band,
Shunt Capacitor CIN is required at a distance of 268 mils. If space is at a premium, an inductor
can take the place of the microstrip line.
CIN = 1.3 pF HQ
COUT
Output matching capacitor. COUT is set at a specific distance from the device so that the micro-
strip line can act as inductance for the matching network (see Table 7). If space is at a premium,
an inductor can take the place of the microstrip line. A short length of low impedance line on
the output is embedded in the match.
COUT = 3.9 pF HQ
L1
The main bias for the ADL5606 comes through L1 to the output stage. L1 should be high
impedance for the frequency of operation while providing low resistance for the dc current.
The evaluation board uses a Coilcraft® 0603HP-18NX_LU inductor; this 18 nH inductor provides
some of the match at 2140 MHz.
L1 = 18 nH
R1, R2, R4, R5
To provide bias to all stages through just one supply, set R1 and R2 to 0 Ω, and leave R4 and
R5 open. To provide separate bias to stages, set R1 and R2 to open and R4 and R5 to 0 Ω.
R1, R2 = 0 Ω
R4, R5 = open
Exposed Paddle
The paddle should be connected to both thermal and electrical ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com