Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADL5606
Rev. B | Page 13 of 18
APPLICATIONS INFORMATION
BASIC LAYOUT CONNECTIONS
The basic connections for operating the ADL5606 are shown
in Figure 32. The RF matching components correspond to the
2140 MHz frequency tuning band.
Power Supply
The voltage supply for the ADL5606, which ranges from 4.75 V
to 5.25 V, should be connected to the VCC1 test pin. The dc bias
to the output stage is supplied through L1 and is connected to
the RFOUT pin. Three decoupling capacitors (C7, C8, and C9)
are used to prevent RF signals from propagating on the dc lines.
The VBIAS and VCC pins can be directly connected to the main
supply voltage. Additional decoupling capacitors (C5, C6, and
C11) are required on the VCC pin.
RF Input Interface
Pin 1 is the RF input pin for the ADL5606. The RF input is easily
matched with one capacitor, in a series or shunt configuration,
and a microstrip line used as an inductor. For the 1960 MHz and
2140 MHz frequency tuning bands, a shunt capacitor is used to
match the input to 50 Ω; for the 2630 MHz frequency tuning
band, a series capacitor is used.
For complete information about component values and spacing
for the different frequency tuning bands, see the ADL5606
Matching section.
RF Output Interface
Pin 9 to Pin 12 are the RF output pins. The RF output requires
only one shunt capacitor and a microstrip line used as an inductor
to match to 50 Ω. For complete information about component
values and spacing for the different frequency tuning bands, see
the ADL5606 Matching section.
Power-Down
The ADL5606 can be disabled by connecting the DISABLE pin
to 5 V. When disabled, the ADL5606 draws approximately 4 mA
of current from the power supply and 1.4 mA from the DISABLE
pin. Decoupling Capacitor C3 is recommended to prevent the
propagation of RF signals. To completely shut down the device,
connect the VCC pin, the VBIAS pin, and the VCC1 test pin to
ground. In this state, the part draws approximately 1.4 mA from
the DISABLE pin.
RFIN
VCC
DISABLE
RFOUT
12
VBIAS
11
VCC
10
DISABLE
9
RFIN
1
2
3
4
ADL5606
VCC1
COUT
3.9pF
C2
20pF
C1
20pF
CIN
1.3pF
C3
10pF
C5
100pF
C7
100pF
C8
0.01µF
C9
10µF
RFOUT
RFOUT
RFOUT
RFOUT
13
8
14
7
15
6
16
5
NC
NC
NC
NC
NC
NC
NC
NC
C6
0.01µF
C11
10µF
L1
18nH
Figure 32. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com