Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 12Page - Monolithic Power Systems MP3331 Datasheet HTML 13Page - Monolithic Power Systems MP3331 Datasheet HTML 14Page - Monolithic Power Systems MP3331 Datasheet HTML 15Page - Monolithic Power Systems MP3331 Datasheet HTML 16Page - Monolithic Power Systems MP3331 Datasheet HTML 17Page - Monolithic Power Systems MP3331 Datasheet HTML 18Page - Monolithic Power Systems MP3331 Datasheet HTML 19Page - Monolithic Power Systems MP3331 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
16
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
function tells the device how much flash current
can be drawn from the battery for the next flash.
Thus, it is possible to do a pre-flash function and
provide continuous stable flash current according
to IFL_MIN information (see Figure 13).
Figure 13: Pre-Flash Operation
VOUT-GND Short Protection
If VOUT<VIN-1V, the device stops switching and
disconnects the synchronous PMOS to avoid
drawing a very large current from the battery.
Once the device stops switching, set the
FT_VOSC bit to 1 and reset the mode setting.
The fault bit remains until read back or power
reset.
LED-GND Short Protection
If VLED < 1V & ILED > 25mA, the IC marks off
the current source and resets the mode setting
bits. Then the fault bit FT_LEDSC is set. The
fault bit FT_LEDSC is 1 until read back or power
reset.
LED Open Protection
If VOUT - VLED < 90mV & VOUT > 5.5V, the IC
stops switching and resets the mode setting bits.
Then the fault bits FT_OVP and FT_LEDOP are
set. The fault bits FT_OVP and FT_LEDOP are 1
until read back or power reset.
Output Over-Voltage Protection
If VOUT > 5.5V, the device stops switching and
resumes normal operation until VOUT drops
below 5.2V. The fault bit FT_OVP is 1 until read
back or power reset.
Junction Over-Temperature Protection
If Tj > 130℃, the flash current drops to the
current set by I_TX (if LED_OTAD = 1). The fault
bit FT_OTP is set. If Tj > 150℃, the device stops
switching and resets the mode setting. The fault
bit FT_OTP has to be cleared to 0 by read back
or power reset before the IC will re-start.
Time-Out Protection
If the device works in flash mode with hardware
and level sensitive enabled, the time-out
protection triggers when the STR high-level pulse
is longer than the timer set by FL_TIM. The
device stops switching and resets the mode
setting. The fault bit is 1 until read back or power
reset before the IC re-starts.
UVLO Protection
If the VIN drops below the UVLO threshold, the
device stops, and all the registers are reset to
default.
I
2C Interface Register Description
I
2C Chip Address
After the start condition, the I2C compatible
master sends a 7-bit address followed by an
eighth read (read: 1) or write (write: 0) bit. The
following bit indicates the register address
to/from which the data will be written/read (see
Figure 14 and the Tables below).
Figure 14: I
2C Compatible Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com