Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 10Page - Monolithic Power Systems MP3331 Datasheet HTML 11Page - Monolithic Power Systems MP3331 Datasheet HTML 12Page - Monolithic Power Systems MP3331 Datasheet HTML 13Page - Monolithic Power Systems MP3331 Datasheet HTML 14Page - Monolithic Power Systems MP3331 Datasheet HTML 15Page - Monolithic Power Systems MP3331 Datasheet HTML 16Page - Monolithic Power Systems MP3331 Datasheet HTML 17Page - Monolithic Power Systems MP3331 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
14
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 7: Hardware and Edge Sensitive Mode
3. Software and edge sensitive mode
In this mode, STR_MOD = 0, LED_EN = 1, and
LED_MOD = 11. The current is set by I_FL, and
the ramping up time is set by TUP_I. The flash
current ends when the flash timer set by
FL_TIM ends. If LED_SD = 0, the LED_MOD is
reset to standby mode, and LED_EN is set to 0
after the flash. If LED_SD = 1, the LED_MOD,
and LED_EN are not reset (see Figure 8).
Figure 8: Software and Edge Sensitive Mode
Torch Mode to Flash Mode
During torch mode, the device can change to
flash mode from torch mode directly when STR
goes from low to high (if STR_MOD = 1). After
the flash, the operation is the same as
described in the “Flash Mode” section (see
Figure 9).
Figure 9: Torch Mode to Flash Mode
Assist Mode to Flash Mode
During assist-light mode, the device can
change to flash mode from assist-light mode
directly when STR goes from low to high (if
STR_MOD = 1). After the flash, the operation is
the same as described in the “Flash Mode”
section (see Figure 10).
Figure 10: Assist Mode to Flash Mode
5V DC Output Mode
If 5V_MOD is set to 1, the device works in a
fixed 5V DC output mode, and the control loop
is taken over by the voltage loop. Note that the
LED current sources can still output current if
the mode conditions are met (as described
above). Care must be taken to ensure thermal
temperatures are ok because the 5V powers
the
LED
directly.
To
avoid
this,
it
is
recommended to set LED_EN to 0 during the
5V DC mode (see Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com