Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 17Page - Monolithic Power Systems MP3331 Datasheet HTML 18Page - Monolithic Power Systems MP3331 Datasheet HTML 19Page - Monolithic Power Systems MP3331 Datasheet HTML 20Page - Monolithic Power Systems MP3331 Datasheet HTML 21Page - Monolithic Power Systems MP3331 Datasheet HTML 22Page - Monolithic Power Systems MP3331 Datasheet HTML 23Page - Monolithic Power Systems MP3331 Datasheet HTML 24Page - Monolithic Power Systems MP3331 Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
22
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 12: Fault Indication Register
Addr: 0x0B
Bit
Bit Name
Access
Default
Description
7
FT_VBATL
R
0
Low battery voltage fault bit.
0 = no fault.
1 = fault.
6
FT_OVP
R
0
Output over voltage fault bit.
0 = no fault.
1 = fault.
5
FT_VOSC
R
0
VOUT-GND short fault bit.
0 = no fault.
1 = fault.
4
FT_LEDSC
R
0
LED short fault bit.
0 = no fault
1 = fault.
3
FT_OTP
R
0
Junction over-temperature fault bit.
0 = no fault
1 = fault.
2
FT_TO
R
0
Flash time out fault bit.
0 = no fault.
1 = fault.
1
FT_TX
R
0
TX fault bit.
0 = no fault.
1 = fault.
0
NA
R
NA
NA
Table 13: Fault Indication Register
Addr: 0x0C
Bit
Bit Name
Access
Default
Description
7:2
NA
R
NA
Reserved.
1
NA
R
NA
Reserved.
0
FT_LEDOP
R
0
LED open fault bit.
0 = no fault;
1 = fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com