Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 17Page - Monolithic Power Systems MP3331 Datasheet HTML 18Page - Monolithic Power Systems MP3331 Datasheet HTML 19Page - Monolithic Power Systems MP3331 Datasheet HTML 20Page - Monolithic Power Systems MP3331 Datasheet HTML 21Page - Monolithic Power Systems MP3331 Datasheet HTML 22Page - Monolithic Power Systems MP3331 Datasheet HTML 23Page - Monolithic Power Systems MP3331 Datasheet HTML 24Page - Monolithic Power Systems MP3331 Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
21
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 9: Actual Flash LED Current Register
Addr: 0x08
Bit
Bit Name
Access
Default
Description
7:6
NA
R
NA
Reserved.
5:0
IFL_ACT
R
000000
The actual flash current in flash mode. It can be
read only during flash.
0 to 2000mA, 31.7mA/step.
000000 = 0mA; 000001= 31.7mA …111111 =
2000mA.
Table 10: Minimum Flash LED Current Register
Addr: 0x09
Bit
Bit Name
Access
Default
Description
7:6
NA
R
NA
Reserved.
5:0
IFL_MIN
R
000000
The minimum flash current caused by low battery
voltage current reduction in flash mode.
0 to 2000mA, 31.7mA/step.
000000 = 0mA; 000001= 31.7mA … 111111 =
2000mA.
Table 11: LED Torch Current Setting Register
Addr: 0x0A
Bit
Bit Name
Access
Default
Description
7:6
NA
R
NA
Reserved.
5:0
I_TOR
RW
001000
LED torch current setting bits.
0 to 508mA, 31.7mA/step.
000000 = 0mA, 000001= 31.7mA …010000 =
508mA.
(Default 001000 = 254mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com