Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 9Page - Monolithic Power Systems MP3331 Datasheet HTML 10Page - Monolithic Power Systems MP3331 Datasheet HTML 11Page - Monolithic Power Systems MP3331 Datasheet HTML 12Page - Monolithic Power Systems MP3331 Datasheet HTML 13Page - Monolithic Power Systems MP3331 Datasheet HTML 14Page - Monolithic Power Systems MP3331 Datasheet HTML 15Page - Monolithic Power Systems MP3331 Datasheet HTML 16Page - Monolithic Power Systems MP3331 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
13
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 4: Assist Mode
Indicator Mode
The device enters indicator mode, which
provides a low current output when LED_MOD
is set to 01, and LED_EN is set to 1. In this
mode, the driver current sources the output
current in 31.5kHz PWM mode. The current
amplitude is set by I_TOR while the duty cycle
is set by the INDI_PWM register. When
disabled, switch to standby mode or set
LED _EN bits to 0 (see Figure 5).
Figure 5: Indicator Mode
Flash Mode
The device works in flash mode in the following
ways:
1. Hardware and level sensitive mode.
In this mode, STR_MOD = 1, STR_LV = 1,
LED_EN = 1, and LED_MOD = 11. The flash
current starts ramping up after STR goes high.
The current is set by I_FL, and the ramping up
time is set by TUP_I. The flash current ends
when STR is pulled to low. If LED_SD = 0, the
LED_MOD is reset to standby mode, and
LED_EN is set to 0 after the flash. If
LED_SD = 1, the LED_MOD, and LED_EN are
not reset. If the flash timer set by FL_TIM ends
before STR goes low, the flash current
terminates immediately.
LED_MOD and LED_EN are reset to the default
value, and the time-out fault bit FT_TO is set to
1 and is not cleared until read back or input
power reset (see Figure 6).
Figure 6: Hardware and Level Sensitive Mode
2. Hardware and edge sensitive mode.
In this mode, STR_MOD = 1, STR_LV = 0,
LED_EN = 1, and LED_MOD = 11. The flash
current starts ramping up after STR goes high.
The current is set by I_FL, and the ramping up
time is set by TUP_I. The flash current ends
when the flash timer set by FL_TIM ends. If
LED_SD = 0, the LED_MOD is reset to standby
mode, and LED_EN is set to 0 after the flash. If
LED_SD = 1, the LED_MOD, and LED_EN are
not reset (see Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com