Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3331 Datasheet HTML 1Page - Monolithic Power Systems MP3331 Datasheet HTML 2Page - Monolithic Power Systems MP3331 Datasheet HTML 3Page - Monolithic Power Systems MP3331 Datasheet HTML 4Page - Monolithic Power Systems MP3331 Datasheet HTML 5Page - Monolithic Power Systems MP3331 Datasheet HTML 6Page - Monolithic Power Systems MP3331 Datasheet HTML 7Page - Monolithic Power Systems MP3331 Datasheet HTML 8Page - Monolithic Power Systems MP3331 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
5
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply
Operating input voltage
VIN
2.7
5.5
V
Input UVLO threshold
VIN_UVLO
Rising edge
2.5
V
Input UVLO hysteresis
150
mV
Standby current
IQ_STANDBY
VIN = 2.7V to 5.5V, I
2C active
10
μA
Operating quiescent current
IQ
VIN = 3.6V, No switching, pass
mode
0.95
mA
Switching Regulator
Switching frequency
fs
Fs = 4MHz
3.6
4
4.4
MHz
Minimum on time
tON_MIN
50
ns
NMOS on resistance
RDSON_N
VIN = 3.6V
80
mΩ
PMOS on resistance
RDSON_P
VIN = 3.6V
120
mΩ
Constant DC output voltage
VOUT_5V
5V DC mode
5
V
Code setting = 00, max duty
cycle
(5)
1.9
A
Inductor current limit
ILIMIT
Code setting = 11, max duty
cycle
(5)
4.2
A
LED Driver
Flash mode,
value setting = 000000
0
mA
Flash current setting
ILED_FLASH
Flash mode,
value setting = 001010
295
317
339
mA
Assist light/torch mode,
value setting = 000000
0
mA
Torch current setting
ILED_TORCH
Assist light /torch mode,
value setting = 001010
295
317
339
mA
Current = 200mA
150
mV
Current source headroom
voltage
VHD
Current = 1500mA
(5)
250
mV
TUP_I = 000
8
μs
Current ramp-up step time
tRAMP_UP
TUP_I =111
64
μs
Current ramp-down step
time
tRAMP_DOWN
2
μs
Flash to TX current settling
time
tSETTLE
TX from low to high, ILED from
1500mA to 31.7mA
5
μs
Digital Input
Input logic-low voltage
0.4
V
Input logic-high Voltage
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com