Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 6Page - Monolithic Power Systems MP3331 Datasheet HTML 7Page - Monolithic Power Systems MP3331 Datasheet HTML 8Page - Monolithic Power Systems MP3331 Datasheet HTML 9Page - Monolithic Power Systems MP3331 Datasheet HTML 10Page - Monolithic Power Systems MP3331 Datasheet HTML 11Page - Monolithic Power Systems MP3331 Datasheet HTML 12Page - Monolithic Power Systems MP3331 Datasheet HTML 13Page - Monolithic Power Systems MP3331 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
10
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
A1
OUT
Boost converter output.
A2
SW
Boost converter switching node.
A3
GND
Ground.
B1
LED
Current source for LED.
Connect the anode of LED to LED.
B2
STR
Strobe signal input
STR synchronizes the flash pulse to the image capture. If STR is
floated, internally pull STR to low weakly.
B3
IN
Input supply.
IN provides the power for the internal power and logic circuit. IN must be
bypassed locally.
C1
TOR/TX
Torch signal input or synchronization input signal for RF transmission signal.
If
TOR/TX is floated, internally pull TOR/TX to low weakly.
C2
SDA
I
2C interface clock data input.
C3
SCL
I
2C interface clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com