Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 16Page - Monolithic Power Systems MP3331 Datasheet HTML 17Page - Monolithic Power Systems MP3331 Datasheet HTML 18Page - Monolithic Power Systems MP3331 Datasheet HTML 19Page - Monolithic Power Systems MP3331 Datasheet HTML 20Page - Monolithic Power Systems MP3331 Datasheet HTML 21Page - Monolithic Power Systems MP3331 Datasheet HTML 22Page - Monolithic Power Systems MP3331 Datasheet HTML 23Page - Monolithic Power Systems MP3331 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
20
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 6: Indicator Register
Addr: 0x05
Bit
Bit Name
Access
Default
Description
7
LED_OTAD
RW
0
Adaptive thermal flash current control bit.
1 = current reduced to the current set by I_TX when
Tj >130℃; 0 = disable when Tj >150℃.
6:4
TUP_I
RW
001
Current ramp-up time per step.
000 = 8µs;
001 = 16µs; …111 = 64µs/step.
3:2
VTH_PAS
RW
01
Defines the threshold when Fs drops to 1MHz or
switches to pass mode from boost mode.
00 = 300mV, 01 = 450mV, 10 = 600mV,
11 = 750mV.
1:0
INDI_PWM
RW
00
PWM duty cycle of 31.5kHz in indicator mode.
00 = 2/16; 01 = 3/16; 10 = 4/16; 11 = 5/16.
Table 7: LED Flash Current Setting Register
Addr: 0x06
Bit
Bit Name
Access
Default
Description
7:6
NA
RW
NA
Reserved.
5:0
I_FL
RW
010000
LED flash current setting bits.
0 to 2000mA, 31.7mA/step.
000000 = 0mA; 000001= 31.7mA…111111 =
2000mA. (Default 010101 = 508mA)
Table 8: TX Current Setting Register
Addr: 0x07
Bit
Bit Name
Access
Default
Description
7:6
NA
RW
NA
Reserved.
5:0
I_TX
RW
010000
Defines the flash current in flash mode if TX is
high.
0 to 2000mA, 31.7mA/step.
000000 = 0mA; 000001= 31.7mA…111111 =
2000mA. (Default 010000 = 508mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com