Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 8Page - Monolithic Power Systems MP3331 Datasheet HTML 9Page - Monolithic Power Systems MP3331 Datasheet HTML 10Page - Monolithic Power Systems MP3331 Datasheet HTML 11Page - Monolithic Power Systems MP3331 Datasheet HTML 12Page - Monolithic Power Systems MP3331 Datasheet HTML 13Page - Monolithic Power Systems MP3331 Datasheet HTML 14Page - Monolithic Power Systems MP3331 Datasheet HTML 15Page - Monolithic Power Systems MP3331 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
12
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP3331 is a single-channel flash LED driver
with an I2C interface for a camera flash that
supports good image capture. It works in flash
mode, assist mode, torch mode, indicator mode,
and fixed 5V DC output mode.
LED Driver Operation
The MP3331 uses PWM mode with peak
current control to regulate the LED current. It
works
in
a
selectable
1M/2M/3M/4MHz
switching frequency with a synchronous rectifier
PMOS. When enabled, the synchronous PMOS
works as a 350mA current source to charge the
output capacitor until VOUT rises above the 2.3V.
The device will change to boost switching mode
if the voltage across the current source is less
than the target reference. If VIN is very close to
VOUT, the IC works in boost switching mode and
pass mode automatically to minimize the power
loss. In pass mode, the synchronous PMOS is
turned on completely. During the current start-
up, the current ramps up smoothly step by step
until the target setting current is reached.
Table 1: Mode Configuration
Configuration
TX/TOR
STR
LED_EN
STR_MOD
5V_MOD
LED_MOD
Mode
High
X
1
0
X
00
Torch
X
X
1
X
X
10
Assist light
X
X
1
X
X
01
Indicator
X
High
1
1
X
11
Flash
X
X
1
0
X
11
Flash
High
High
1
1
X
00
Torch to flash
X
High
1
1
X
10
Assist to flash
X
X
X
X
1
X
5V
Standby Mode
In default, if VIN is higher than UVLO, the device
changes to standby mode. The I2C is active and
is ready to communicate with the host. Table 1
shows all work modes for MP3331.
Torch Mode
In standby mode, if TOR goes from low to high
(TX/TOR = 1), the device switches to torch
mode, and the current ramps up step by step
after setting LED_EN to 1. The current for LED
is set through register I_TOR. The ramping up
slew rate is set by register TUP_I. The current
is disabled by pulling TOR to low or by setting
LED_EN bits to 0. By pulling TOR to low,
LED_EN
and
LED_MOD
bits
will
reset
automatically to default if LED_SD is 0 (see
Figure 3).
Figure 3: Torch Mode
Assist Mode
To enter assist mode, set LED_MOD register to
10 and LED_EN to 1. The current ramps up to
the target value, which is set by I_TOR. The
ramping up slew rate is set by register TUP_I.
The current is disabled by switching to standby
mode or by setting LED_EN bits to 0 (see
Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com