Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3331
Description  2A, Synchronous Boost Flash LED Driver with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3331 Datasheet HTML 15Page - Monolithic Power Systems MP3331 Datasheet HTML 16Page - Monolithic Power Systems MP3331 Datasheet HTML 17Page - Monolithic Power Systems MP3331 Datasheet HTML 18Page - Monolithic Power Systems MP3331 Datasheet HTML 19Page - Monolithic Power Systems MP3331 Datasheet HTML 20Page - Monolithic Power Systems MP3331 Datasheet HTML 21Page - Monolithic Power Systems MP3331 Datasheet HTML 22Page - Monolithic Power Systems MP3331 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MP3331-2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
MP3331 Rev. 1.02
www.MonolithicPower.com
19
5/3/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 4: Flash Timer Setting Register
Addr: 0x03
Bit
Bit Name
Access
Default
Description
7:4
FL_TIM
RW
0001
Flash timer setting bits. 50ms to 800ms, 50ms/step.
0000 = 50ms; 0001 = 100ms; …; 1111 = 800ms.
3
LED_SD
RW
0
LED_MOD and LED_EN resetting control bit.
0 = reset LED_MOD and LED_EN to default value
after flash or torch. 1 = no reset.
2
NA
RW
0
Reserved.
1:0
SW_FS
RW
00
Switching frequency setting bits. 00 = 4MHz;
01 = 3MHz; 10 = 2MHz;11 = 1MHz.
Table 5: Low Battery Voltage Setting Register
Addr: 0x04
Bit
Bit Name
Access
Default
Description
7:5
VBL_RUN
RW
111
Low battery voltage setting bits. If VIN drops below
this voltage during start-up, the current ramping
stops. If VIN drops below this voltage during the
flash current pulse, the current is decreased until
VIN is higher than its threshold. It works only in flash
mode. 000 = 3V; 001 = 3.1V; ...110 = 3.6V;
111 = disabled; 0.1V per step.
4
VBL_SD
RW
1
Device disabled or reduce the flash current selection
bit when VIN is less than the threshold set by
VBL_RUN before the flash.
1 = device disabled;
0 = Enable and the current ramps up to the current
set by I_TX.
3:0
NA
RW
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com