Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1027LS8 Datasheet HTML 3Page - Linear Technology LT1027LS8 Datasheet HTML 4Page - Linear Technology LT1027LS8 Datasheet HTML 5Page - Linear Technology LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology LT1027LS8 Datasheet HTML 10Page - Linear Technology LT1027LS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LT1027LS8
7
1027ls8f
For more information www.linear.com/LT1027LS8
applicaTions inForMaTion
Effect of Reference Drift on System Accuracy
A large portion of the temperature drift error budget in
many systems is the system reference voltage. Figure 1
indicates the maximum temperature coefficient allowable
if the reference is to contribute no more than 0.5LSB error
to the overall system performance. The example shown is
a 12-bit system designed to operate over a temperature
rangefrom25°Cto65°C.Assumingthesystemcalibration
is performed at 25°C, the temperature span is 40°C. It can
be seen from the graph that the temperature coefficient
of the reference must be no worse than 6ppm/°C if it is
to contribute less than 1LSB error. For this reason, the
LT1027LS8 has been optimized for low drift.
Noise Reduction
Thepositiveinputoftheinternalscalingamplifierisbrought
out as the Noise Reduction (NR) pin. Connecting a 1µF
Mylar capacitor between this pin and ground will reduce
the wideband noise of the LT1027LS8 from 2.0µVRMS to
approximately 1.2µVRMS in a 10Hz to 1kHz bandwidth.
Transientresponseisnotaffectedbythiscapacitor.Start-up
settling time will increase to several milliseconds due to
the 7kΩ impedance looking into the NR pin. The capacitor
must be a low leakage type. Electrolytics are not suitable
for this application. Just 100nA leakage current will result
in a 150ppm error in output voltage. This pin is the most
sensitive pin on the device. For maximum protection a
guard ring is recommended. The ring should be driven
from a resistive divider from VOUT set to 4.4V (the open-
circuit voltage on the NR pin).
Transient Response
TheLT1027LS8hasbeenoptimizedfortransientresponse.
Settling time is under 2µs when an AC-coupled 10mA load
transientisappliedtotheoutput. TheLT1027LS8achieves
fastsettlingbyusingaclassBNPN/PNPoutputstage.When
sinking current, the device may oscillate with capacitive
loads greater than 100pF. The LT1027LS8 is stable with
all capacitive loads when at no DC load or when sourcing
current, although for best settling time either no output
bypasscapactorora4.7µFtantalumunitisrecommended.
An 0.1µF ceramic output capacitor will maximize output
ringing and is not recommended.
Kelvin Connections
Although the LT1027LS8 does not have true force-sense
capability,properhook-upcanimprovelinelossandground
loop problems significantly. Since the ground pin of the
LT1027LS8 carries only 2mA, it can be used as a low-side
sense line, greatly reducing ground loop problems on the
low side of the reference. The VOUT pin should be close to
the load or connected via a heavy trace as the resistance
of this trace directly affects load regulation. It is important
to remember that a 1.22mV drop due to trace resistance
is equivalent to a 1LSB error in a 5VFS, 12-bit system.
Trimming Output Voltage
TheLT1027LS8hasanadjustmentpinfortrimmingoutput
voltage. The impedance of the VTRIM pin is approximately
20kΩ with an open-circuit voltage of 2.5V. A ±30mV
guaranteed trim range is achievable by tying the VTRIM pin
to the wiper of a 10k potentiometer connecting between
the output and ground. Trimming output voltage does not
affect the TC of the device.
Figure 1. Maximum Allowable Reference Drift
TEMPERATURE SPAN (°C)
10
0
30
100
1027LS8 F01
1.0
10
20
100
90
80
70
60
50
40
8-BIT
10-BIT
12-BIT
14-BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com