Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology LT1027LS8 Datasheet HTML 10Page - Linear Technology LT1027LS8 Datasheet HTML 11Page - Linear Technology LT1027LS8 Datasheet HTML 12Page - Linear Technology LT1027LS8 Datasheet HTML 13Page - Linear Technology LT1027LS8 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LT1027LS8
10
1027ls8f
For more information www.linear.com/LT1027LS8
Typical applicaTions
LS8
1027LS8 F08a
LS8
1027LS8 F08b
Figure 8. (a) 3-Sided PCB Tab Cutout, (b) 4-Sided PCB Cutout.
Lines Represent Cuts All the Way Through the PCB
(a)
(b)
Figure 9. Illustrates Drift of LT1027LS8 with Large Changes in
Humidity. Using Proper PCB Layout Techniques Limits This Drift
to a Few ppm
TIME (HRS)
0
20 40 60 80 100 120 140 160 180 200 220
–20
–10
0
10
20
30
40
50
60
70
80
–10
0
10
20
30
40
50
60
70
80
90
1027LS8 F09
VIN = 10V
HUMIDITY
TEMPERATURE
Humidity Sensitivity
Plastic mold compounds absorb water. With changes in
relative humidity, plastic packaging materials change the
amount of pressure they apply to the die inside. These
pressure changes can cause slight changes in the output
of a voltage reference, usually on the order of 100ppm.
The LS8 package is hermetic, so it is not affected by
humidity, and is therefore more stable in environments
where humidity may be a concern. However, PC board
material may absorb water and apply mechanical stress
to the LT1027LS8. Proper board materials and layout are
essential.
For best stability, the PC board layout is critical. Change
in temperature and position of the PC board, as well as
aging, can alter the mechanical stress applied to compo-
nentssolderedtotheboard.FR4andsimilarmaterialsalso
absorb water, causing the board to swell. Even conformal
coating or potting of the board does not always eliminate
this effect, though it may delay the symptoms by reducing
the rate of absorption.
Power and ground planes should be omitted under the
voltagereferenceICforbeststability.Figure8ashowsatab
cut through the PC board on three sides of an LT1027LS8,
which significantly reduces stress on the IC, as described
in Application Note 82. For even better performance,
Figure 8b shows slots cut through the PC board on all
four sides. The slots should be as long as possible, and
the corners just large enough to accommodate routing of
traces. It has been shown that for PC boards designed in
this way, humidity sensitivity can be reduced to less than
35ppm for a change in relative humidity of approximately
60%. Mounting the reference near the center of the board,
with slots on four sides, can further reduce the sensitivity
to less than 10ppm.
An additional advantage of slotting the PC board is that
the LT1027LS8 is thermally isolated from surrounding
circuitry. This separation can help reduce thermocouple
effects and improve accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com