Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology LT1027LS8 Datasheet HTML 10Page - Linear Technology LT1027LS8 Datasheet HTML 11Page - Linear Technology LT1027LS8 Datasheet HTML 12Page - Linear Technology LT1027LS8 Datasheet HTML 13Page - Linear Technology LT1027LS8 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LT1027LS8
14
1027ls8f
For more information www.linear.com/LT1027LS8
LINEAR TECHNOLOGY CORPORATION 2016
LT 0216 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT1027LS8
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LT1021
Precision References for Series or Shunt Operation in
Hermetic TO-5, SOP-8, DIP-8 Package
0.05% Max Initial Error, 5ppm/°C Max Drift, 1ppm Peak-to-Peak Noise
(0.1Hz to 10Hz), –55°C to 125°C (TO-5)
LT1236
Low Drift, Low Noise, 5V and 10V Voltage Reference in
SO8, DIP8 and LS8 Packages
0.05% Max Initial Error, 5ppm/°C Max Drift, 1ppm Peak-to-Peak Noise
(0.1Hz to 10Hz), –40°C to 85°C
LT1236LS8
Precision Series Reference, 0.05%, 5ppm/°C Drift
Low Profile Hermetic LS8 Package
LTC®6652
High Precision, Buffered Voltage Reference Family in
MSOP8 and LS8 Package
0.05% Max Initial Error, 5ppm/°C Max Drift, Shutdown Current <2µA,
–40°C to 125°C Operation
LT6654
Precision, Low Noise, High Output Drive Voltage Reference
Family in MSOP8 and LS8 Package
1.6ppm Peak-to-Peak Noise (0.1Hz to 10Hz) Sink/Source ±10mA, 5ppm/°C
Max Drift, –40°C to 125°C Operation
LTC6655
Exceptional Low Noise, High Precision Reference in
MSOP8 and LS8 Package
0.25ppm Peak-to-Peak Noise (0.1Hz to 10Hz), 2ppm/°C Maximum Drift,
0.025% Maximum Initial Error, –40°C to 125°C Operation
Precision Temperature Sensor
1027LS8 TA05
LTC2449
VDD
5V
RREF
400
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
COM
REF+
REF–
MUXOUTN
ADCINN
SDI
SCK
SDO
CS
BUSY
EXT
FO
GND
LT1027LS8
OUT
7.5V
IN
4.7µF
RTD
THERMOCOUPLE
VREF
VREF
5k
–
+
50
2.5k
1nF
7.5V
–2.5V
–
+
50
2.5k
1nF
0.01µF
SPI INTERFACE
7.5V
LTC6241
–2.5V
MUXOUTP
ADCINP
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com