Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1027LS8 Datasheet HTML 1Page - Linear Technology LT1027LS8 Datasheet HTML 2Page - Linear Technology LT1027LS8 Datasheet HTML 3Page - Linear Technology LT1027LS8 Datasheet HTML 4Page - Linear Technology LT1027LS8 Datasheet HTML 5Page - Linear Technology LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LT1027LS8
5
1027ls8f
For more information www.linear.com/LT1027LS8
Typical perForMance characTerisTics
Output Settling Time (Sourcing)
Output Settling Time (Sinking)
0.1Hz to 10Hz Output Noise
Filtering = 1 Zero at 0.1Hz
2 Poles at 10Hz
Output Noise Voltage Density
FREQUENCY (Hz)
10
80
100
120
140
160
100
1k
10k
1027LS8 G10
60
40
20
0
180
200
CNR = 1µF
CNR = 0
VOUT
400µV/DIV
AC-COUPLED
10mA
LOAD STEP
2µs/DIV
1027LS8 G11
VOUT
400µV/DIV
AC-COUPLED
–10mA
LOAD STEP
2µs/DIV
1027LS8 G12
5µV/DIV
1sec/DIV
1027LS8 G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com