Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1027LS8 Datasheet HTML 1Page - Linear Technology LT1027LS8 Datasheet HTML 2Page - Linear Technology LT1027LS8 Datasheet HTML 3Page - Linear Technology LT1027LS8 Datasheet HTML 4Page - Linear Technology LT1027LS8 Datasheet HTML 5Page - Linear Technology LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT1027LS8
3
1027ls8f
For more information www.linear.com/LT1027LS8
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Output voltage is measured immediately after turn-on. Changes
due to chip warm-up are typically less than 0.005%.
Note 3: Temperature coefficient is measured by dividing the change in
output voltage over the temperature range by the change in temperature.
Note 4: Line and load regulation are measured on a pulse basis. Output
changes due to die temperature change must be taken into account
separately.
Note 5: RMS noise is measured with an 8-pole bandpass filter with a
center frequency of 30Hz and a Q of 1.5. The filter output is then rectified
and integrated for a fixed time period, resulting in an average, as opposed
to RMS voltage. A correction factor is used to convert average to RMS.
This value is then used to obtain RMS noise voltage in the 10Hz to 1000Hz
frequency band. This test also screens for low frequency “popcorn” noise
within the bandwidth of the filter.
Note 6: Devices typically exhibit a slight negative DC output impedance of
–0.015Ω. This compensates for PC trace resistance, improving regulation
at the load.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, ILOAD = 0A unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage (Note 2)
4.995
5.000
5.005
V
TCVOUT
Output Voltage Temperature Coefficient (Note 3)
l
2
5
ppm/°C
Line Regulation (Note 4)
8V ≤ VIN ≤ 10V
l
6
12
25
ppm/V
ppm/V
10V ≤ VIN ≤ 40V
l
3
6
8
ppm/V
ppm/V
Load Regulation (Notes 4, 6)
Sourcing Current
0 ≤ IOUT ≤ 15mA, 0°C to 85°C
0 ≤ IOUT ≤ 5mA, –40°C
l
–8
–10
–10
8
12
15
15
ppm/mA
ppm/mA
ppm/mA
Sinking Current 0 ≤ IOUT ≤ 10mA
0°C to 85°C
–40°C
l
30
120
160
ppm/mA
ppm/mA
Supply Current
l
2.2
3.1
3.5
mA
mA
VTRIM Adjust Range
l
±30
±50
mV
en
Output Noise (Note 5)
0.1Hz ≤ f ≤ 10Hz
3
µVP-P
10Hz ≤ f ≤ 1kHz
2.0
6.0
µVRMS
Long-Term Stability of Output Voltage (Note 7)
∆t = First 1000Hrs
∆t = First 3000Hrs
12
18
ppm
ppm
Temperature Hysteresis of Output (Note 8)
∆T = ±25°C
∆T = 0°C to 70°C
∆T = –40°C to 85°C
6
8
12
ppm
ppm
ppm
Note 7: Long-term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours, with a continuing trend toward
reduced drift with time. Significant improvement in long-term drift can be
realized by preconditioning the IC with a 100-200 hour, 125°C burn in.
Long term stability will also be affected by differential stresses between
the IC and the board material created during board assembly. Temperature
cycling and baking of completed boards is often used to reduce these
stresses in critical applications.
Note 8: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25°C, but the IC is
cycled to high or low temperature before successive measurements.
Hysteresis is roughly proportional to the square of temperature change.
Hysteresis is not normally a problem for operational temperature
excursions, but can be significant in critical narrow temperature range
applications where the instrument might be stored at high or low
temperatures. Hysteresis measurements are preconditioned by one
temperature cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com