Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1027LS8 Datasheet HTML 1Page - Linear Technology LT1027LS8 Datasheet HTML 2Page - Linear Technology LT1027LS8 Datasheet HTML 3Page - Linear Technology LT1027LS8 Datasheet HTML 4Page - Linear Technology LT1027LS8 Datasheet HTML 5Page - Linear Technology LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT1027LS8
4
1027ls8f
For more information www.linear.com/LT1027LS8
Typical perForMance characTerisTics
Start-Up and Turn-Off (No Load)
Start-Up and Turn-Off
Quiescent Current
Load Regulation
Line Regulation
Ripple Rejection
Output Impedance vs Frequency
Output Voltage Temperature Drift
Output Short-Circuit Current
vs Temperature
FREQUENCY (Hz)
10
90
100
110
120
100
100
1k
10k
1027LS8 G01
80
70
60
50
VIN = 10V
FREQUENCY (Hz)
0.01
0.1
1
10
100
10
10k
100k
1M
1027LS8 G02
100
1k
∆I = 3mA AC
ISOURCE = 5mA
VOUT
1V/DIV
1µs/DIV
VIN
10V
1027LS8 G04
VOUT
1V/DIV
500µs/DIV
VIN
10V
RL = 1k, CL = 4.7µF
1027LS8 G05
INPUT VOLTAGE (V)
0
1.5
2.0
2.5
15
25
40
1027LS8 G06
1.0
0.5
0
5
10
20
30
35
–10
0
400
800
8
1027LS8 G07
–400
–800
–1600
2
6
4
–1200
–8 –6 –4 –2 0
10 12 14 16
IOUT (mA)
Sink Source
SOURCING
SINKING
VIN = 10V
VOUT = 5V
TEMPERATURE (°C)
–50 –30 –10
10
30
50
70
90
–25
–20
–15
–10
–5
0
5
10
15
20
25
1027LS8 G08
INPUT VOLTAGE (V)
8
300
400
500
20
28
40
1027LS8 G09
200
0
100
12
16
24
32
36
–100
–200
–300
–400
–500
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
4.990
4.995
5.000
5.005
5.010
1027LS8 G03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com