Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology LT1027LS8 Datasheet HTML 10Page - Linear Technology LT1027LS8 Datasheet HTML 11Page - Linear Technology LT1027LS8 Datasheet HTML 12Page - Linear Technology LT1027LS8 Datasheet HTML 13Page - Linear Technology LT1027LS8 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LT1027LS8
12
1027ls8f
For more information www.linear.com/LT1027LS8
Typical applicaTions
C2
5µF*
≈8.5V
5V
REFERENCE
1N914
LT1027LS8
C1
5µF*
1N914
5V
LOGIC SUPPLY
CMOS LOGIC GATE**
*FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED
**PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING
fIN ≥ 2kHz*
IN
OUT
GND
1027LS 8 TA04
+
Operating 5V Reference from 5V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com