Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology LT1027LS8 Datasheet HTML 10Page - Linear Technology LT1027LS8 Datasheet HTML 11Page - Linear Technology LT1027LS8 Datasheet HTML 12Page - Linear Technology LT1027LS8 Datasheet HTML 13Page - Linear Technology LT1027LS8 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LT1027LS8
13
1027ls8f
For more information www.linear.com/LT1027LS8
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
package DescripTion
LS8 Package
8-Pin Leadless Chip Carrier (5mm × 5mm)
(Reference LTC DWG # 05-08-1852 Rev B)
Please refer to http://www.linear.com/product/LT1027LS8#packaging/ for the most recent package drawings.
7
8
1
3
4
2
2.00 REF
R0.20 REF
6
5
7
8
6
5
1
2
3
4
4.20 ±0.10
4.20 SQ ±0.10
2.54 ±0.15
1.00
× 7 TYP
0.64
× 8 TYP
LS8 0113 REV B
R0.20 REF
0.95 ±0.10
1.45 ±0.10
0.10 TYP
0.70 TYP
1
4
7
8
6
1.4
0.5
1.50 ±0.15
2.50 ±0.15
2.54 ±0.15
0.70 ±0.05
× 8
PACKAGE OUTLINE
0.5
5.00 SQ ±0.15
5.00 SQ ±0.15
5.00 SQ ±0.15
5.80 SQ ±0.15
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
NOTE:
1. ALL DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS PACKAGE DO NOT INCLUDE PLATING BURRS
PLATING BURRS, IF PRESENT, SHALL NOT EXCEED 0.30mm ON ANY SIDE
4. PLATING—ELECTO NICKEL MIN 1.25UM, ELECTRO GOLD MIN 0.30UM
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(SEE NOTE 5)
2
3
LS8 Package
8-Pin Leadless Chip Carrier (5mm
× 5mm)
(Reference LTC DWG # 05-08-1852 Rev B)
ABCDEF
XYY ZZ
Q12345
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com