Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1027LS8 Datasheet HTML 4Page - Linear Technology LT1027LS8 Datasheet HTML 5Page - Linear Technology LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology LT1027LS8 Datasheet HTML 10Page - Linear Technology LT1027LS8 Datasheet HTML 11Page - Linear Technology LT1027LS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LT1027LS8
8
1027ls8f
For more information www.linear.com/LT1027LS8
applicaTions inForMaTion
The circuits in Figure 2 and Figure 3 illustrate proper con-
nections to minimize errors due to ground loops and line
losses. Losses in the output lead can be further reduced
by adding a PNP boost transistor if load current is 5mA
or higher. R2 can be added to further reduce current in
the output sense load.
Long-Term Drift
Long-term drift cannot be extrapolated from accelerated
high temperature testing. This erroneous technique gives
drift numbers that are wildly optimistic. The only way
long-term drift can be determined is to measure it over
the time interval of interest.
The LT1027LS8 long-term drift data was collected on 80
parts that were soldered into printed circuit boards similar
to a real world application. The boards were then placed
into a constant temperature oven with a TA = 35°C, their
outputs were scanned regularly and measured with an 8.5
digit DVM. Typical long-term drift is illustrated in Figure 4.
HOURS
0
20
80
100
1500
1027LS8 F04
–20
–80
0
40
60
–40
–60
–100
500
1000
2500
2000
3000
Figure 2. Standard Connection
Figure 3. Driving Higher Load Currents
IN
OUT
GND
+
GROUND
RETURN
KEEP THIS LINE RESISTANCE LOW
1027LS8 F02
INPUT
LT1027LS8
LOAD
IN
OUT
GND
LT1027LS8
GROUND
RETURN
INPUT
R1
91
R2*
2.4k
LOAD
1027LS8 F03
*OPTIONAL–REDUCES CURRENT IN OUTPUT SENSE LEAD
4.7µF
+
2N4403
Figure 4. Long-Term Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com