Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1027LS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1027LS8
Description  Precision, Low Noise, High Stability Hermetic Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027LS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1027LS8 Datasheet HTML 1Page - Linear Technology LT1027LS8 Datasheet HTML 2Page - Linear Technology LT1027LS8 Datasheet HTML 3Page - Linear Technology LT1027LS8 Datasheet HTML 4Page - Linear Technology LT1027LS8 Datasheet HTML 5Page - Linear Technology LT1027LS8 Datasheet HTML 6Page - Linear Technology LT1027LS8 Datasheet HTML 7Page - Linear Technology LT1027LS8 Datasheet HTML 8Page - Linear Technology LT1027LS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LT1027LS8
1
1027ls8f
For more information www.linear.com/LT1027LS8
Typical applicaTion
FeaTures
DescripTion
Precision, Low Noise,
High Stability Hermetic
Voltage Reference
The LT®1027LS8 is a precision reference that combines
low drift and noise with excellent long-term stability and
high output accuracy. The reference output will source up
to 15mA and sink up to 10mA, and remain constant with
input voltage variations.
The hermetic package provides outstanding humidity and
thermal hysteresis performance. The LT1027LS8 is only
5mm × 5mm × 1.5mm, offering an alternative to large
through-hole metal can voltage references, such as the
industry standard LT1021. The LT1027LS8 offers similar
performance to the LT1027, with additional stability from
the hermetic package.
LT1027LS8 is based on a buried Zener diode structure,
which enables temperature and time stability, and ex-
tremely low noise performance of < 1ppm peak-to-peak.
The LT1027LS8 operates on a supply voltage from 8V up
to 40V. The subsurface Zener exhibits better time stability
than even the best bandgap reference, and the hermetic
package maintains that stability over a wide range of
environmental conditions.
Supplying VREF and VCC to the LTC1290 12-Bit ADC
applicaTions
n
Hermetic 5mm × 5mm LCC Leadless Chip Carrier
Package:
n
Insensitive to Humidity
n
Thermal Hysteresis: 8ppm (0°C to 70°C)
n
Thermal Hysteresis: 12ppm (–40°C to 85°C)
n
Low Drift: 5ppm/°C Max
n
High Accuracy: ±0.10% Max
n
Low Noise: <1ppm Peak-to-Peak (0.1Hz to 10Hz)
n
Low Long Term Drift
n
12ppm at 1000Hr
n
18ppm at 3000Hr
n
Sinks 10mA, Sources 15mA
n
Wide Supply Range to 40V
n
8-Pin (5mm × 5mm) LS8 Package
n
Instrumentation and Test Equipment
n
High Resolution Data Acquisition Systems
n
A/D and D/A Converters
n
Precision Regulators
n
Precision Scales
n
Digital Voltmeters
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
ANALOG
INPUTS
VIN
VOUT
VTRIM
GND
10k
22µF
8V TO 40V
LT1027LS8
TO µC
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
VCC
REF+
REF–
COM
AGND
V– DGND
LTC1290
1027LS8 TA01a
SCLK
ACLK
DOUT
DIN
CS
+
2.2µF
+
TEMPERATURE (°C)
–40 –25
0
25
50
75 85
4.990
4.995
5.000
5.005
5.010
1027LS8 TA01b
Output Voltage Temperature Drift


Similar Part No. - LT1027LS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
LT1027 LINER-LT1027 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1027 LINER-LT1027 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LT1027 LINER-LT1027 Datasheet
220Kb / 8P
Precision 5V Reference
LT1027A LINER-LT1027A Datasheet
167Kb / 8P
Precision 5V Reference
More results

Similar Description - LT1027LS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293 AD-ADR293 Datasheet
159Kb / 11P
Low Noise Micropower Precision Voltage Reference
REV.0
logo
Linear Technology
LT1236LS8 LINER-LT1236LS8 Datasheet
232Kb / 16P
Precision, Low Noise, Low Profile Hermetic Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
logo
Linear Technology
LT1236LS8 LINER-LT1236LS8_15 Datasheet
232Kb / 16P
Precision, Low Noise, Low Profile Hermetic Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
High Precision Low Noise Low Dropout Voltage Reference
logo
Advanced XTAL Products
AXRB9000 AXTAL-AXRB9000 Datasheet
269Kb / 5P
High Stability Low Noise Rubidium Frequency Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com