Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4031GS Datasheet HTML 1Page - Monolithic Power Systems MP4031GS Datasheet HTML 2Page - Monolithic Power Systems MP4031GS Datasheet HTML 3Page - Monolithic Power Systems MP4031GS Datasheet HTML 4Page - Monolithic Power Systems MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
2
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV4031-S-00A EVALUATION BOARD
(L x W x H) 86mm x 30mm x 29mm
Board Number
MPS IC Number
EV4031-S-00A
MP4031GS
EVALUATION BOARD SCHEMATIC
CX1
DF06S
DB1
L1
BAV21W
D7
MBRS3200T3G
D2
L
N
R9
LED+
LED-
GND
GND
CY1
C2
WSGC10MH
D3
R10
C9
5.1k/1206
R14
5.1k/1206
R13
1k
R1
330/2W
R12
10
R5
R3
100nF/400V
C3
C4
1N4148WS
D1
450V/0.2A
Q1
SSN1N45BTA
MMBT3906LT1
Q3
BZT52C15
D4
GND
GND
R17
R18
R20
GND
R15
GND
470k/1W
R6
1N4148WS
1
D5
BZT52C16
D6
GND
CEF04N7G
Q2
30V/500mA
108-305VAC
95Ts
25Ts
20Ts
F1
TVR10431
RV1
GND
3
1
4
6
11
7
PQ2020
T1
250V/2A
C1
200V/0.2A
700V/4A
1kV/1A
200V/3A
C10
1N4148WS
D8
10k/0.25W
R21
R16
600V/1.5A
51/1206
R11
499k/1206
R2
470pF/1kV/1206
C11
C8
L2
L3
R8
510/2W
R7
510/2W
R4
C7
200/1206
R22
R23
MULT
1
ZCD
2
VCC
3
CS
4
S
5
D
6
GND
7
COMP
8
MP4031
U1
R19
R30
GND
1kV/1A
C12
499k//1206
R26
499k/1206
R25
R27
R28
MMBT3904LT1
Q4
40V/200mA
3.92k
R29
C5
C6
10pF/50V
C13
1N4148WS
D9
1N5383B
D12
BZT52C27
D11
GND
BAV21W
D13
51/1206
R32
C14
GND
MMBT3904LT1
Q5
C16
10k
R33
TL431
U3
R34
R35
GND
U2
NS
AGND
C17
GND
R36
150k
R37
1k
R38
40V/200mA
10V
C15
Dimming Signal
WSGC10MH
D10
499k/1206
R31
499k/1206
R24
Figure 1—Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com