Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4031GS Datasheet HTML 1Page - Monolithic Power Systems MP4031GS Datasheet HTML 2Page - Monolithic Power Systems MP4031GS Datasheet HTML 3Page - Monolithic Power Systems MP4031GS Datasheet HTML 4Page - Monolithic Power Systems MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
4
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
CIRCUIT DESCRIPTION
The EV4031-S-00A is configured in a single-
stage Flyback topology, it uses primary-side-
control which can mostly simplify the schematic
and get a cost effective BOM. It can also achieve
high power factor and accurate LED current.
F1, L1, L2, L3, R1, R14, R13 CX1, DB1, and C1
compose the input stage. F1 fuses the AC input
to protect for the component failure or some
excessive short events. L1, L2, L3, R1, R14, CX1,
R13 and C1 associated with CY1 form the EMI
filter which can meet the standard EN55015. The
diode rectifier DB1 rectifies the input line voltage.
Small bulk CBB capacitor C1 is used as a low
impedance path for the primary switching current,
to maintain high power factor, the capacitance of
C1 should be selected with low value.
RV1 D10, R25, R26, R27, C12 are used for
surge test. RV1 can make sure the circuit pass
500V surge test, for higher level test, a RCD
snubber composed of D10, R25, R26, R27 and
C12 is needed.
R3, R8, R5, R23, C4, C11, D1, D4, Q1, Q3 with
R12 compose the damping circuit for reducing
the inrush current at the dimmer turning on time.
The circuit let the inrush current flow through R12
at first when triac dimmer turns on. Then Q1
turns on and shorts R12, this can save power
from R12. Q3 is used to discharge C4 when the
triac is off. D4 is used to clamp the gate voltage
of Q1 to 15V.
R4, R7, C3 are used as a bleeder circuit which
keeping the triac current above the minimum
holding current after triac turns on.
R10, R17, C9 provide sine wave reference for
the primary peak current to get an active PFC
function. R28 and Q4 parallels R29 with R17,
when the input voltage is high, which make sure
the MULT pin voltage lower than the max voltage
rating, and improves the line regulation in wide
input voltage range application.
D12, R24, R31 are used to improve the THD
performance at high side input, which is useful in
wide input voltage range application.
R11, D7, C10, D11 are used to supply power for
MP4031. A 47μF bulk capacitor C10 is selected
to maintain the supply voltage. At start-up, C10 is
first charged up through the external MOSFET
Q2 and internal charging circuit, when the VCC
voltage reaches 10V, the internal charging circuit
stops charging and the control logic works. Then
the power supply is taken over by the auxiliary
winding through R11, D7.
R6, C7, D6 and D5 are used for the gate drive of
the external MOSFET Q2.
R15, R16, C13, D9 are used to detect the
auxiliary
winding
to
get
the
transformer
magnetizing current zero crossing signal for
realizing the boundary conduction operation, and
also monitor the output OVP condition. The OVP
voltage is set by the divider ratio of R15, R16.
R21 and D8 are used to restrain the oscillation
between the leakage inductor and the parasitical
capacitor when OVP happens. If the oscillation
happens, the external MOSFET will be turned
on/off abnormally and the part can’t work in auto
restart mode.
U2 is an Optocoupler which optically couples the
PWM dimming signal from the secondary side to
the primary side. R36, R37, R38, and C17
convert the PWM signal into an analog signal,
which is divided by R30 and R19, then put into
CS pin.
D13, R32, C14, Q5, R33, C15, U3, R34, R35,
C16 compose a LDO, which is the power supply
for Optocoupler.
R18, R20 are primary sensing resistors for
primary side current control. The value of R18,
R20 set the output LED current. C2, R2, R22, D3
are used to damp the leakage inductance energy
so the drain voltage can be suppressed at a safe
level.
Diode D2 rectifies the secondary winding voltage
and the capacitor C5, C6 are the output filter.
The resistor R9 is placed as pre-load to limit the
output voltage rise too high in open load
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com