Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 2Page - Monolithic Power Systems MP4031GS Datasheet HTML 3Page - Monolithic Power Systems MP4031GS Datasheet HTML 4Page - Monolithic Power Systems MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
6
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV4031-S-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacture
Part Number
1
F1
SS-5-2A
Fuse;250V;2A
DIP
Cooper
Bussmann
SS-5-2A
1
L1
1mH
Inductor;1000uH;
2.08 Ohm;0.5A
DIP
Wurth
768772102
2
L2,L3
2.2mH
Inductor;2.2mH;4.73
Ohm;0.3A
DIP
Wurth
7447720222
1
Q1
SSN1N45BTA
N-Channel
Mosfet;
450V;
TO-92
Fairchild
SSN1N45BTA
1
Q2
CEF04N7G
Mosfet;700V;4A
TO-220F
MAXMEGA
CEF04N7G
1
Q3
MMBT3906LT1 Transistor;-40V;-0.2A;
SOT-23
ON Semi
MMBT3906LT1
2
Q4,Q5
MMBT3904LT1 Transistor;40V;0.2A;
SOT-23
ON Semi
MMBT3904LT1
2
R1,R19
1kΩ
Film Resistor;
1%;1/4W
1206
Hottechohm
RI1206L1001FT
2
R13,
R14
5.1kΩ
Resistor;1%;1/4W
1206
Yageo
RC1206FR-075K1L
5
R2,
R24,
R25,
R26,
R31
499kΩ
Film Resistor;1%;
1206
Yageo
RC1206FR-07499KL
2
R3,R10
1MΩ
Resistor;1%;1/4W
DIP
any
1M Ohm
2
R4,R7
510Ω
Resistor;5%;2W
DIP
any
510 Ohm/2W
1
R5
10Ω
Film Resistor;1%;
0603
Yageo
RC0603FR-0710RL
1
R6
470kΩ
Resistor;5%;1W
DIP
any
470K Ohm
1
R8
200kΩ
Film Resistor;1%
0603
Yageo
RC0603JR-07200KL
1
R9
30kΩ
Resistor;1%
1206
Yageo
RC1206FR-0730KL
2
R11,
R32
51Ω
Film Resistor;1%
1206
Yageo
RC1206FR-0751RL
1
R12
330Ω
Resistor;5%;2W
DIP
any
330 Ohm/ 2W
1
R15
25.5kΩ
Film Resistor;1%;
0603
Yageo
RC0603FR-0725K5L
2
R16,
R17
5.9kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-075K9L
1
R18
300mΩ
Resistor;1%
1206
Yageo
RL1206FR-070R3L
1
R20
1.1Ω
Resistor;1%
1206
Yageo
RC1206FR-071R1L
1
R21
10kΩ
Resistor;5%
1206
Yageo
RM12JTN103
1
R22
200Ω
Resistor;5%
1206
Yageo
RC1206FR-07200RL
4
R23,
R30,
R33,
R38
10kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0710KL
1
R27
2.43kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-072K43L
1
R28
68kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0768KL
1
R29
3.92kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-073K92L
1
R34
75kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0775KL
1
R35
24kΩ
Film Resistor;1%
0603
Yageo
RC0603FR-0724KL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com