Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems MP4031GS Datasheet HTML 15Page - Monolithic Power Systems MP4031GS Datasheet HTML 16Page - Monolithic Power Systems MP4031GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
13
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN=108-305VAC, 9 LEDs in series, ILED=530mA, VOUT=30V, LP=1.74mH, NP:NS:NAUX =95:25:20
Line Regulation
Full Load
9kHz
30 MHz
SGL
TDS
6DR
120
100 kHz
1 MHz
10 MHz
110
100
90
80
70
60
50
40
30
20
10
0
EN550150
EN55015A
1 PK
CLRWR
2 AV
CLRWR
9kHz
30 MHz
SGL
TDS
6DR
120
100 kHz
1 MHz
10 MHz
100
90
80
70
60
50
40
30
20
10
0
EN550150
EN55015A
1 PK
CLRWR
2 AV
CLRWR
9kHz
30 MHz
SGL
TDS
6DR
120
100 kHz
1 MHz
10 MHz
100
90
80
70
60
50
40
30
20
10
0
EN550150
EN55015A
1 PK
CLRWR
2 AV
CLRWR
9kHz
30 MHz
SGL
TDS
6DR
120
100 kHz
1 MHz
10 MHz
100
90
80
70
60
50
40
30
20
10
0
EN550150
EN55015A
1 PK
CLRWR
2 AV
CLRWR
0
100
200
300
400
500
600
0
50
100
150
200
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
100
140
180
220
260
300
0.9875
0.988
0.9885
0.989
0.9895
0.99
0.9905
0.991
0.9915
108 113 118 123 128 133 138
0.9
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
185 205 225 245 265 285
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
13.2
108 113 118 123 128 133 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com