Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
10
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance Data
Efficiency, PF and THD
f (Hz)
Vin(V)
Pin(W)
Vout(V)
Iout(mA)
Pout(W)
Efficiency(%)
PF
THD(%)
108
19.11
29.83
529
15.78007
82.6
0.991
11.60
110
19.05
29.83
529
15.78007
82.8
0.991
11.70
120
18.69
29.81
527
15.70987
84.1
0.989
12.40
130
18.37
29.8
526
15.6748
85.3
0.989
12.80
60
140
18.17
29.79
524
15.60996
85.9
0.988
13.00
f (Hz)
Vin(V)
Pin(W)
Vo(V)
Io(mA)
Po(W)
Efficiency(%)
PF
THD(%)
185
17.81
29.77
522
15.53994
87.3
0.974
15.30
190
17.78
29.76
522
15.53472
87.4
0.973
15.40
200
17.79
29.76
522
15.53472
87.3
0.970
15.60
210
17.80
29.76
522
15.53472
87.3
0.965
15.80
220
17.82
29.75
522
15.5295
87.1
0.961
16.40
230
17.88
29.74
522
15.52428
86.8
0.955
16.80
240
17.92
29.74
522
15.52428
86.6
0.950
17.90
250
18.01
29.75
522
15.5295
86.2
0.944
18.10
260
18.08
29.75
522
15.5295
85.9
0.937
18.60
270
18.16
29.74
523
15.55402
85.6
0.930
18.70
280
18.24
29.74
523
15.55402
85.3
0.923
18.80
290
18.32
29.74
523
15.55402
84.9
0.916
18.90
50
300
18.44
29.74
524
15.58376
84.5
0.909
19.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com