Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
9
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Winding Order
Winding No.
Tape Layer Number
Start & End
Magnet Wire
Φ(mm)
Turns
N1
2
2→6
0.23mm * 1
47
N2
2
3→Y
0.15mm * 1
one layer
N3
2
12→9
0.30mm * 2 (T.I.W)
25
N4
2
4→3
0.15mm * 1
20
N5
3
6→1
0.23mm * 1
48
E1
3
One layer Cooper foil
Electrical Specifications
60 second, 60Hz, from PRI. to SEC.
2500VAC
60 second, 60Hz, from PRI. to CORE.
1000VAC
Electrical Strength
60 second, 60Hz, from SEC. to CORE.
1000VAC
Primary Inductance
Pins 1 - 2, all other windings open, measured at 60kHz, 0.1
VRMS
1.74mH±5%
Primary Leakage Inductance
Pins 1 - 2 with all other pins shorted, measured at 100kHz.
0.1 VRMS
45μH (max)
Materials
Item
Description
1
Core: PQ2020, UI=2400±25%, AL=3000nH/N
2±25% UNGAPPED, AL=192.7nH/N2±3% GAPPED
SUNSHINE: pq2020, SSP-4 or equivalent
2
Bobbin: PQ202020, 6+8PIN RMMOVE PIN5,6,7,8,11 1SECT THT375J UL94V-0 CHANG CHUN
PLASTICS CO LTD RUIQIDANENG
3
Wire: Φ0.23mm/Φ0.15mm,, UEW, TAI-I ELECTRIC WIRE&CABLE CO.,LTD or equivalent
4
Triple Insulation Wire: Φ0.30mm,TRW(B) GREAT LEOFLON INDUSTRIAL CO.,LTD or equivalent
5
TFL TUBE: AWG#20/30, CLEAR GREAT HOLDING INDUSTRIAL CO LTD
7
COOPER FOIL: 5.0X0.025mm(TH) DONGGUAN CITY RONGQIANG ELECTRONICS or equivalent
8
Tape: 12mm(W)×0.06mm YELLOW, Jingjiang Yahua Presure Sensitive Glue Co.,Ltd CT-280
9
Varnish: JOHN C. DOLPH CO, BC-346A or equivalent
10
Solder Bar: CHENG NAN: SN99.5/Cu0.5 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com