Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems MP4031GS Datasheet HTML 15Page - Monolithic Power Systems MP4031GS Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
12
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Electric Strength Test
Primary circuit to secondary circuit electric strength testing was completed according to IEC61347-1
and IEC61347-2-13.
Input and output was shorted respectively. 3750VAC/50Hz sine wave applied between input and output
for 1min, and operation was verified.
Surge Test
Line to Line 3000V surge testing was completed.
Input voltage was set at 230VAC/50Hz. Output was loaded at full load and operation was verified
following each surge event.
Surge Level
(V)
Input Voltage
(VAC)
Injection Location
Injection Phase
(°)
Test Result
(Pass/Fail)
3000
230
L to N
0
Pass
-3000
230
L to N
0
Pass
3000
230
L to N
90
Pass
-3000
230
L to N
90
Pass
3000
230
L to N
270
Pass
-3000
230
L to N
270
Pass
Thermal Test
Test without dimmer and with dimmer at 90% dimming on phase.
Without dimmer @110Vac
Without dimmer @110Vac
With dimmer at 90% dimming on phase
OCP
DM inductor:71.9℃
Damping MOS: 61.3℃
Output Diode: 55.1℃
Damping resister: 61.1℃
Output Diode: 55.1℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com