Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems MP4031GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
11
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TRIAC Dimming Compatibility (No Flicker with these 25 different Dimmers)
Manufacturer
Part No.
Power
Stage
Dimming
Type
Io_max
(mA)
Io_min
(mA)
Dimming
Ratio
(%)
Min start
current
(mA)
LUTRON
6B38-DVLV-600P
600W
Leading
445
1
0.22
2
LUTRON
6B38-DV-603PG
600W
Leading
309
1
0.32
3
LUTRON
6B38-S-600P
600W
Leading
445
0
0.00
2
LUTRON
6B38-S-603PG
600W
Leading
306
0
0.00
2
LUTRON
S-600
600W
Leading
520
0
0.00
8
LUTRON
6B38
600W
Leading
463
2
0.43
7
LUTRON
AY-600P
600W
Leading
430
4
0.93
13
LUTRON
6B38
400W
Leading
427
0
0.00
47
LUTRON
TG-603GH-WH
600W
Leading
275
4
1.45
12
LUTRON
TG-600PH-WH
600W
Leading
459
6
1.31
12
LUTRON
GLS01-C06570
600W
Leading
318
0
0.00
48
LEVITON
6633-P
600W
Leading
514
0
0.00
7
LUTRON
6B38-Q-600P
600W
Leading
470
5
1.06
17
LEVITON
6633-P
600W
Leading
517
0
0.00
9
LUTRON
6B38-DV-600P
600W
Leading
437
0
0.00
2
COOPER
6B28
600W
Leading
502
0
0.00
49
LEVITON
1L10O5
600W
Leading
472
0
0.00
13
LUTRON
LG600P
600W
Leading
459
1
0.22
1
LEVITON
1G40O5
600W
Leading
469
0
0.00
17
LEVITON
C20-6684-IW
600W
Leading
531
0
0.00
32
LUTRON
Q-600P-IV
600W
Leading
482
7
1.45
12
LUTRON
DV-600P-BR
600W
Leading
449
1
0.22
7
LUTRON
DVPDC-203P-WH
200W
Leading
514
51
9.92
50
LUTRON
AY-600P-LA
600W
Leading
519
11
2.12
11
LUTRON
GL-600H-DK
600W
Leading
517
0
0.00
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com