Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4031GS Datasheet HTML 1Page - Monolithic Power Systems MP4031GS Datasheet HTML 2Page - Monolithic Power Systems MP4031GS Datasheet HTML 3Page - Monolithic Power Systems MP4031GS Datasheet HTML 4Page - Monolithic Power Systems MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EV4031-S-00A – TRIAC AND ANALOG DIMMABLE 16W PSR WITH PFC LED DRIVER
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
5
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV4031-S-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacture
Part Number
1
C1
100nF
Ceramic Capacitor;
630V;10%
DIP
Fala
C312J104K63CC30
1
C2
22nF
Ceramic Capacitor;
630V;X7R;1206
1206
TDK
C3216X7R2J223K
1
C3
100nF
Capacitor;400V;
CBB
DIP
Panasonic
ECQE4104KF
1
C4
22nF
Ceramic Capacitor;
50V;X7R;0603;
0603
muRata
GRM188R71H223KA01D
2
C5,C6
470μF
Electrolytic Capacitor;
50V;Electrolytic
DIP
Jianghai
CD263-50V470
1
C7
1μF
Ceramic Capacitor;
25V;X7R;0603
0603
muRata
GRM188R71E105KA12D
1
C8
2.2μF
Ceramic Capacitor;
10V;X7R;0603
0603
muRata
GRM188R71A225KE15D
1
C9
2.2nF
Ceramic Capacitor;
50V;X7R;0603;
0603
TDK
C1608X7R1H222K
1
C10
47μF
Electrolytic Capacitor;
50V;Electrolytic
DIP
Jianghai
CD263-50V47
1
C11
470pF
Ceramic Capacitor;
1kV;1206
1206
muRata
GRM31B7U3A471JW31L
1
C12
3.3μF
Electrolytic Capacitor;
450V;Electrolytic
DIP
LangRui
PX 450V/3.3uF
1
C13
10pF
Ceramic Capacitor;
50V;X7R;0603;
0603
muRata
GRM1885C1H100JA01
1
C14
2.2μF
Ceramic Capacitor;
50V;X7R;1206;
1206
muRata
GJ8319R61H225K
1
C15
100nF
Ceramic Capacitor;
25V;X7R;0603;
0603
muRata
GRM188R71E104KA01D
2
C16,
C17
4.7μF
Ceramic Capacitor;
25V;X7R;1206;
1206
muRata
GRM31CR71E475KA88L
1
CX1
22nF
Capacitor;275V;10%
DIP
Carli
PX223K3IB19L270D9R
1
CY1
2.2nF
Capacitor;4000V;
20%
DIP
Hongke
JNK12E222MY02N
4
D1,D5,
D8,D9
1N4148WS
Diode;75V;0.15A;
SOD-323
Diodes
1N4148WS-7-F
1
D2
MBRS320T3G
Diode;200V;3A
SMB
Qianlongxin
MBRS320T3G
2
D3,
D10
WSGC10MH
Diode;1000V;1A
1206
MaxMega
WSGC10MH
1
D4
BZT52C15
Zener Diode;
15V;5mA/500mW;
SOD-123
Diodes
BZT52C15
1
D6
BZT52C16
Zener Diode;
16V;5mA/500mW;
SOD-123
Diodes
BZT52C16
2
D7,
D13
BAV21W
Diode;200V;0.2A;
SOD-123
Diodes
BAV21W-7-F
1
D11
BZT52C27
Zener Diode;
27V;5mA/500mW;
SOD-123
Diodes
BZT52C27
1
D12
1N5383B
Zener Diode;
150V;5W;
DIP
Bangdayuan
1N5383B
1
DB1
DF06S
Diode;600V;1.5A
SMD
Fairchild
DF06S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com