Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4031GS
Description  108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4031GS Datasheet HTML 1Page - Monolithic Power Systems MP4031GS Datasheet HTML 2Page - Monolithic Power Systems MP4031GS Datasheet HTML 3Page - Monolithic Power Systems MP4031GS Datasheet HTML 4Page - Monolithic Power Systems MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
EV4031-S-00A
108Vac~305Vac, 30V/530mA
Primary-side-control with Active PFC
TRIAC and Analog Dimmable LED Driver EVB
EV4031-S-00A Rev.1.01
www.MonolithicPower.com
1
11/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV4031-S-00A
Evaluation
Board
is
designed to demonstrate the capabilities of
MP4031. The MP4031 is a primary-side-control
offline LED lighting controller which can achieve
high power factor and accurate current for
either Triac dimmable or analog dimmable LED
lighting application. It works in boundary
conduction mode for reducing the MOSFET and
Diode switching losses.
The EV4031-S-00A is typically designed for
either driving a 16W Triac dimmable LED bulb
with 30VTYP, 530mA LED load at 108V-
132VAC/60Hz or driving a 16W analog
dimmable LED bulb with 30VTYP, 530mA LED
load at 108-305VAC.
The EV4031-S-00A has an excellent efficiency,
can pass 3kV surge test, and meets IEC61000-
3-2
Class
C
harmonics
and
EN55015
conducted EMI requirements. It has multi-
protection function as over-voltage protection,
over-current protection, cycle by cycle current
limit, etc.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
(Triac dimmable)
108 to 132
VAC
Input Voltage
(Analog dimmable)
VIN
108 to 305
VAC
Output Voltage
VOUT
30
V
LED Current
ILED
530
mA
Output Power
POUT
16
W
Efficiency (full load)
η
>82
%
Power Factor
PF
>0.9
THD
THD
<20
%
FEATURES
 Fast Start up
 Triac Dimmable, with 1% to 100% dimming
range and the dimming curve meets
standard SSL6
 Analog-Dimmable
 Real current control without secondary-
feedback circuit
 Unique architecture for superior line
regulation
 High power factor>0.9 over 108Vac to
305Vac
 Boundary conduction mode improves
efficiency
 Input UVLO
 Cycle-by-cycle current limit
 Over-voltage protection (OVP)
 Over-current protection (OCP)
 Over-temperature protection (OTP)
 Fit inside PAR38 bulb enclosure
APPLICATIONS
 Solid State Lighting
 Industrial & Commercial Lighting
 Residential Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS
green status, please visit MPS website under Quality Assurance. “MPS” and
“The Future of Analog IC Technology”, are Registered Trademarks of
Monolithic Power Systems, Inc.
Warning:
Although this board is designed to satisfy safety
requirements, the engineering prototype has not been
agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the
prototype board.


Similar Part No. - MP4031GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4031GS MPS-MP4031GS Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
More results

Similar Description - MP4031GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
MP4060 MPS-MP4060 Datasheet
658Kb / 25P
TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
EV4032-1-S-00A MPS-EV4032-1-S-00A Datasheet
568Kb / 15P
108VAC to 132VAC/60Hz, 18VOUT/350mA Primary-Side-Control with Active PFC Off-Line Dimmable LED Driver Evaluation Board
EV4033-K-00B MPS-EV4033-K-00B Datasheet
450Kb / 14P
108VAC~132VAC/60Hz, 24V/350mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com