Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 17Page - Monolithic Power Systems MP2624GL Datasheet HTML 18Page - Monolithic Power Systems MP2624GL Datasheet HTML 19Page - Monolithic Power Systems MP2624GL Datasheet HTML 20Page - Monolithic Power Systems MP2624GL Datasheet HTML 21Page - Monolithic Power Systems MP2624GL Datasheet HTML 22Page - Monolithic Power Systems MP2624GL Datasheet HTML 23Page - Monolithic Power Systems MP2624GL Datasheet HTML 24Page - Monolithic Power Systems MP2624GL Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.0
www.MonolithicPower.com
21
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
absolute temperature T2, and β is a constant,
which depends on the material of the thermistor.
In
charge
mode,
the
MP2624
monitors
continuously
the
battery’s
temperature
by
measuring the voltage at NTC. This voltage is
determined by the resistive divider whose ratio is
produced by the different resistances of the NTC
thermistor
under
the
different
ambient
temperatures of the battery.
T1
(0DegC)
T2
(10DegC)
T3
(45DegC)
T4
(50DegC)
T5
(60DegC)
Maximum Charge Current 1C
0.5C
Maximum Charge Voltage : 4.25V
(4.2V Typical)
4.15V Maximum
4.10V Maximum
Cool
Normal
Warm
Hot
Cold
Figure 7: NTC Window
MP2624 sets internally a pre-determined upper
and lower bound of the range. If the voltage at
NTC goes out of this range, which means the
temperature is outside the safe operating limit,
the charging is ceased unless the operating
temperature returns to a safe range.
To satisfy the JEITA requirement, the MP2624
monitors four temperature thresholds: the cold
battery threshold (TNTC<0ºC), the cool battery
threshold (0ºC<TNTC<10ºC), the warm battery
threshold (45ºC<TNTC<60ºC), and the hot battery
threshold
(TNTC>60ºC). For a given NTC
thermistor, these temperatures correspond to the
VCOLD, VCOOL, VWARM, and VHOT. When VNTC < VHOT
or VNTC > VCOLD, the charging is suspended, and
the
timers
are
suspended.
When
VHOT < VNTC < VWARM, the charge-full voltage
(VBATT_FULL) is reduced by 150mV compared to
the
programmable
threshold.
When
VCOOL < VNTC < VCOLD, the charging current is
reduced to half of the programmable charge
current. Figure 7 shows the JEITA control.
Separate
Pull-Up
Pin
VNTC
for
NTC
Protection
As shown in Figure 8, a separate pull-up VNTC is
designed as the internal pull-up terminal of the
resistive divider for the NTC comparator. Both the
reference divider and the feedback divider are
connected together to VNTC. The VNTC is
connected to VREF via an internal switch (in
charge mode only).
NTC
VNTC
RNTC
Hot
Cold
Cool
Warm
NTC 
Protection
Charge/
Discharge?
VREF
RT1
RT2
Figure 8: NTC Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com