Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 5Page - Monolithic Power Systems MP2624GL Datasheet HTML 6Page - Monolithic Power Systems MP2624GL Datasheet HTML 7Page - Monolithic Power Systems MP2624GL Datasheet HTML 8Page - Monolithic Power Systems MP2624GL Datasheet HTML 9Page - Monolithic Power Systems MP2624GL Datasheet HTML 10Page - Monolithic Power Systems MP2624GL Datasheet HTML 11Page - Monolithic Power Systems MP2624GL Datasheet HTML 12Page - Monolithic Power Systems MP2624GL Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
9
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage and Input Current Based Power Path
Input
voltage
regulation
threshold [I
2C]
VIN_REG
3.9
5.1
V
Input voltage regulation
accuracy
REG00[6:3] = 1011,
VIN REG = 4.76V
-4
4
%
Input current limit
IIN_LMT
USB100
70
100
mA
USB150
120
150
USB500
400
500
USB900
750
900
Input current limit accuracy
IIN_LMT = 1.8A,
REG00[2:0] = 101
1450
1800
mA
Protection
Battery over-voltage protection VBATT_OVP
Rising. Compared to
VBATT FULL
200
mV
Battery over-voltage protection
hysteresis
Compared to VBATT_FULL
68
mV
Thermal shutdown rising
threshold
(6)
TJ_SHDN TJ rising
184
ºC
Thermal shutdown hysteresis
(6)
20
ºC
NTC low temp rising threshold
VCOLD
As percentage of VVNTC
70.9
71.5
72.1
%
NTC low temp rising threshold
hysteresis
As percentage of VVNTC
1.4
%
NTC cool temp rising
threshold
VCOOL
As percentage of VVNTC
68.6
69.2
69.8
%
NTC cool temp rising
threshold hysteresis
As percentage of VVNTC
1.3
%
NTC warm temp falling
threshold
VWARM
As percentage of VVNTC
55.9
56.5
57.1
%
NTC warm temp falling
threshold hysteresis
As percentage of VVNTC
1.4
%
NTC hot temp falling threshold
VHOT
As percentage of VVNTC
47.9
48.5
49.1
%
NTC hot temp falling threshold
hysteresis
As percentage of VVNTC
1.3
%
NOTE:
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com