Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 32Page - Monolithic Power Systems MP2624GL Datasheet HTML 33Page - Monolithic Power Systems MP2624GL Datasheet HTML 34Page - Monolithic Power Systems MP2624GL Datasheet HTML 35Page - Monolithic Power Systems MP2624GL Datasheet HTML 36Page - Monolithic Power Systems MP2624GL Datasheet HTML 37Page - Monolithic Power Systems MP2624GL Datasheet HTML 38Page - Monolithic Power Systems MP2624GL Datasheet HTML 39Page - Monolithic Power Systems MP2624GL Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
36
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
System Status Register/ Address: 08H (Default: 0000 0001)
Bit
Symbol
Description
Read/ Write
Default
Bit 7
VBUS_STAT [1]
00 – Unknown
01 – Adaptor port
10 – USB host
11 – OTG
Read only
Unknown (00)
(Including no input or
DPDM detection
incomplete)
Bit 6
VBUS_STAT [0]
Bit 5
CHG_STAT [1]
00 – Not charging
01 – Trickle charge
10 – Constant-current charge
11 – Charge done
Read only
Not charging (00)
Bit 4
CHG_STAT [0]
Bit 3
PPM_STAT
0 – No PPM
1 – VINPPM or IINPPM
Read only
No PPM (0)
(No power path
management occurs)
Bit 2
PG_STAT
0 – No power good
1 – Power good
Read only
No power good (0)
Bit 1
THERM_STAT
0 – Normal
1 – Thermal regulation
Read only
Normal (0)
Bit 0
VSYS_STAT
0 – In VSYSMIN regulation
1 – Not in VSYSMIN regulation
Read only
Not in VSYSMIN
regulation (1)
Fault Register/ Address: 09H (Default: 0000 0000)
Bit
Symbol
Description
Read/ Write
Default
Bit 7
WATCHDOG_F
AULT
0 – Normal
1 – Watchdog timer expiration
Read only
Normal (0)
Bit 6
OTG_FAULT
0 – Normal
1 – VBUS overloaded, VBUS
OVP, or battery under voltage
Read only
Normal (0)
Bit 5
CHG_FAULT [1]
00 – Normal
01 – Input fault (bad source)
00 – Thermal shutdown
11 – Safety timer expiration
Read only
Normal (00)
Bit 4
CHG_FAULT [0]
Bit 3
BAT_FAULT
0 – Normal
1 – Battery OVP
Read only
Normal (0)
Bit 2
NTC_FAULT [2]
000 – Normal
001 – NTC cold
010 – NTC cool
011 – NTC warm
100 – NTC hot
Read only
Normal (000)
Bit 1
NTC_FAULT [1]
Bit 0
NTC_FAULT [0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com