Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 29Page - Monolithic Power Systems MP2624GL Datasheet HTML 30Page - Monolithic Power Systems MP2624GL Datasheet HTML 31Page - Monolithic Power Systems MP2624GL Datasheet HTML 32Page - Monolithic Power Systems MP2624GL Datasheet HTML 33Page - Monolithic Power Systems MP2624GL Datasheet HTML 34Page - Monolithic Power Systems MP2624GL Datasheet HTML 35Page - Monolithic Power Systems MP2624GL Datasheet HTML 36Page - Monolithic Power Systems MP2624GL Datasheet HTML 37Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
33
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Charge Current Control Register/ Address: 02H (Default: 0010 0001)
Bit
Symbol
Description
Read/ Write
Default
Bit 7
ICHG [5]
2048mA
Read/ Write
Offset: 512mA
Range: 512mA –
4544mA
Default: 1024mA
(001000)
Bit 6
ICHG [4]
1024mA
Bit 5
ICHG [3]
512mA
Bit 4
ICHG [2]
256mA
Bit 3
ICHG [1]
128mA
Bit 2
ICHG [0]
64mA
USB OTG Current Limit
Bit 1
IOLIM[1]
00 – 500mA
01 – 1.3A
Read/ Write
1.3A (01)
Bit 0
IOLIM[0]
Pre-Charge/ Termination Current/ Address: 03H (Default: 0011 0011)
Bit
Symbol
Description
Read/ Write
Default
Pre-Charge Current
Bit 7
IPRE [3]
512mA
Read/ Write
Offset: 64mA
Range: 64mA –
1024mA
Default: 256mA
(0011)
Bit 6
IPRE [2]
256mA
Bit 5
IPRE [1]
128mA
Bit 4
IPRE [0]
64mA
Termination Current
Bit 3
IBF [3]
512mA
Read/ Write
Offset: 64mA
Range: 64mA –
1024mA
Default: 256mA
(0011)
Bit 2
IBF [2]
256mA
Bit 1
IBF [1]
128mA
Bit 0
IBF [0]
64mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com